Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9889B/PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9889B/PCB
Description  High Performance HDMI/DVI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9889B/PCB Datasheet(HTML) 3 Page - Analog Devices

  AD9889B/PCB Datasheet HTML 1Page - Analog Devices AD9889B/PCB Datasheet HTML 2Page - Analog Devices AD9889B/PCB Datasheet HTML 3Page - Analog Devices AD9889B/PCB Datasheet HTML 4Page - Analog Devices AD9889B/PCB Datasheet HTML 5Page - Analog Devices AD9889B/PCB Datasheet HTML 6Page - Analog Devices AD9889B/PCB Datasheet HTML 7Page - Analog Devices AD9889B/PCB Datasheet HTML 8Page - Analog Devices AD9889B/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9889B
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Table 1.
Parameter
Conditions
Temp
Test
Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.4
3.5
V
Input Voltage, Low (VIL)
Full
VI
0.7
V
Input Capacitance
25°C
V
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
V
THERMAL CHARACTERISTICS
Thermal Resistance
θJC Junction-to-Case
V
15.2
°C/W
θJA Junction-to-Ambient
V
59
°C/W
Ambient Temperature
Full
V
−25
+25
+85
°C
DC SPECIFICATIONS
Input Leakage Current, IIL
25°C
VI
−10
+10
μA
Input Clamp Voltage
−16 mA
25°C
V
−0.8
V
+16 mA
25°C
V
+0.8
V
Differential High Level Output
Voltage
V
AVCC
V
Differential Output Short-Circuit
Current
IV
10
μA
POWER SUPPLY
VDD (All) Supply Voltage
Full
IV
1.71
1.8
1.89
V
VDD Supply Voltage Noise
Full
V
50
mV p-p
Power-Down Current
With active video applied, 165 MHz, typical
random pattern
25°C
IV
9
mA
Transmitter Supply Current
With active video applied, 165 MHz, typical
random pattern
25°C
IV
240
280
mA
Transmitter Total Power
Full
VI
432
504
mW
AC SPECIFICATIONS
CLK Frequency
25°C
IV
13.5
80
MHz
TMDS Output CLK Duty Cycle
25°C
IV
48
52
%
Worst Case CLK Input Jitter
Full
IV
2
ns
Input Data Setup Time
Full
IV
1
ns
Input Data Hold Time
Full
IV
1
ns
TMDS Differential Swing
VI
800
1000
1200
mV
VSYNC and HSYNC Delay from DE
Falling Edge
VI
1
UI2
VSYNC and HSYNC Delay to DE
Rising Edge
VI
1
UI2
DE High Time
25°C
VI
8191
UI2
DE Low Time
25°C
VI
138
UI2
Differential Output Swing
Low-to-High Transition Time
25°C
VII
75
490
ps
High-to-Low Transition Time
25°C
VII
75
490
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com