Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9889B/PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9889B/PCB
Description  High Performance HDMI/DVI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9889B/PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9889B/PCB Datasheet HTML 1Page - Analog Devices AD9889B/PCB Datasheet HTML 2Page - Analog Devices AD9889B/PCB Datasheet HTML 3Page - Analog Devices AD9889B/PCB Datasheet HTML 4Page - Analog Devices AD9889B/PCB Datasheet HTML 5Page - Analog Devices AD9889B/PCB Datasheet HTML 6Page - Analog Devices AD9889B/PCB Datasheet HTML 7Page - Analog Devices AD9889B/PCB Datasheet HTML 8Page - Analog Devices AD9889B/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9889B
Rev. 0 | Page 4 of 12
Parameter
Conditions
Temp
Test
Level1
Min
Typ
Max
Unit
AUDIO AC TIMING
Sample Rate
I2S and S/PDIF
Full
IV
32
192
kHz
I2S Cycle Time
25°C
IV
1
UI2
I2S Setup Time
25°C
IV
15
ns
I2S Hold Time
25°C
IV
0
ns
Audio Pipeline Delay
25°C
IV
75
μs
1 See Explanation of Test Levels section.
2 UI = unit interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com