Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9889B/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9889B/PCB
Description  High Performance HDMI/DVI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9889B/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9889B/PCB Datasheet HTML 4Page - Analog Devices AD9889B/PCB Datasheet HTML 5Page - Analog Devices AD9889B/PCB Datasheet HTML 6Page - Analog Devices AD9889B/PCB Datasheet HTML 7Page - Analog Devices AD9889B/PCB Datasheet HTML 8Page - Analog Devices AD9889B/PCB Datasheet HTML 9Page - Analog Devices AD9889B/PCB Datasheet HTML 10Page - Analog Devices AD9889B/PCB Datasheet HTML 11Page - Analog Devices AD9889B/PCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9889B
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BEC
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.10
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
61
60
1
80
20
41
21
40
VIEW A
1.60
MAX
0.75
0.60
0.45
16.20
16.00 SQ
15.80
14.20
14.00 SQ
13.80
0.65
BSC
LEAD PITCH
0.38
0.32
0.22
TOP VIEW
(PINS DOWN)
PIN 1
Figure 5. 80-Lead Low Profile Quad Flat Package [LQFP]
(ST-80-2)
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
EXCEPT FOR EXPOSED PAD DIMENSION
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
*4.85
4.70 SQ
4.55
EXPOSED PAD
(BOTTOM VIEW)
0.30
0.25
0.18
SEATING
PLANE
PIN 1
INDICATOR
PADDLE CONNECTED TO GND.
THIS CONNECTION IS NOT
REQUIRED TO MEET THE
ELECTRICAL PERFORMANCES.
Figure 6. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
9 mm × 9 mm Body, Very Thin Quad
(CP-64-1)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com