Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETDISATGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETDISATGY
Description  Diplexed TV /SAT TV Outlet Module 50 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETDISATGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETDISATGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETDISATGY
DESCRIPTION
Diplexed TV /SAT TV Outlet Module 50 x 50mm - Grey
NET WEIGHT (KG)
0.093
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 50
Recessed Depth - 31
MINIMUM MOUNTING BOX DEPTH
35mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Male
SAT CONNECTION TYPE
F-Type
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990727
Date Created: 19/04/2024 01:36
www.mlaccessories.co.uk
NETDISATGY
Diplexed TV /SAT TV Outlet Module 50 x 50mm -
Grey


Similar Part No. - NETDISATGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETDISATBK KNIGHTSBRIDGE-NETDISATBK Datasheet
265Kb / 1P
Diplexed TV /SAT TV Outlet Module 50 x 50mm - Black
19/04/2024
NETDISATWH KNIGHTSBRIDGE-NETDISATWH Datasheet
231Kb / 1P
Diplexed TV /SAT TV Outlet Module 50 x 50mm - White
19/04/2024
More results

Similar Description - NETDISATGY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U813BS TEMIC-U813BS Datasheet
93Kb / 7P
1.1-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
NPN Silicon RF Transistor (For application in TV-sat tuners)
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
logo
TEMIC Semiconductors
U833BS TEMIC-U833BS Datasheet
92Kb / 7P
1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
TDA6142-5X SIEMENS-TDA6142-5X Datasheet
273Kb / 10P
FM-Demodulator for SAT TV with Switchable Input
logo
TEMIC Semiconductors
U6239B TEMIC-U6239B Datasheet
262Kb / 15P
2.9 GHz PLL for SAT TV Tuner with UNi-Bus
U6225B TEMIC-U6225B Datasheet
154Kb / 12P
2.9 GHz PLL for SAT TV Receiver with Universal Bus
logo
Advantech Co., Ltd.
PCM-232 ADVANTECH-PCM-232 Datasheet
246Kb / 1P
TV-out/Audio Module
logo
PHOENIX CONTACT
2856993 PHOENIX-2856993 Datasheet
291Kb / 5P
Surge protection device - C-TV-SAT
12/24/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com