Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5591ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5591ACPZ-R7
Description  869 MHz to 1990 MHz Quadrature Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5591ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5591ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADL5590/ADL5591
Rev. 0 | Page 3 of 8
SPECIFICATIONS
VS = 5 V; TA= 25°C; LO = 2 dBm; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 1.5 V dc bias; baseband
I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
Operating Frequency Range
ADL5590
869
960
MHz
1805
1990
MHz
ADL5590 @ fRF = 880 MHz
Output Power
VIQ = 1.0 V p-p differential
3.75
5.9
8.0
dBm
vs. Frequency
fRF = 869 MHz to 894 MHz
±0.1
dB
vs. Temperature
0°C to 85°C
0.01
dB/°C
−25°C to 0°C
0.01
dB/°C
Sideband Suppression
−50
dBc
LO Leakage
−50
dBc
Output Return Loss
2.8
dB
Output P1 dB
16
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = 0 dBm per tone
29
dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = 0 dBm per tone
66
dBm
Output Noise Density
POUT = 5 dBm, 6 MHz carrier offset
−155
dBc/Hz
Output Noise Floor
Baseband inputs biased to 1.5 V
−156.6
dBm/Hz
Modulation Spectrum
Relative to carrier in 30 kHz, POUT = 3 dBm, 8 PSK
250 kHz carrier offset
−42.5
dBc
400 kHz carrier offset
−71.1
dBc
600 kHz carrier offset
−78.5
dBc
1.2 MHz carrier offset
−79.1
dBc
RMS Error Vector Magnitude
POUT = 3 dBm, 8 PSK
0.5
%
Peak Error Vector Magnitude
POUT = 3 dBm, 8 PSK
1.5
%
ADL5590 @ fRF = 940 MHz
Output Power
VIQ = 1.0 V p-p differential
3.5
5.7
7.75
dBm
vs. Frequency
fRF = 925 MHz to 960 MHz
±0.1
dB
vs. Temperature
0°C to 85°C
0.01
dB/°C
−25°C to 0°C
0.01
dB/°C
Sideband Suppression
−50
dBc
LO Leakage
−50
dBc
Output Return Loss
3.2
dB
Output P1 dB
16
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = 0 dBm per tone
29
dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = 0 dBm per tone
70
dBm
Output Noise Floor
Baseband inputs biased to 1.5 V
−156.6
dBm/Hz
Modulation Spectrum
Relative to carrier in 30 kHz, POUT = 3 dBm, 8 PSK
250 kHz carrier offset
−42.5
dBc
400 kHz carrier offset
−71.1
dBc
600 kHz carrier offset
−78.5
dBc
1.2 MHz carrier offset
−79.1
dBc
RMS Error Vector Magnitude
POUT = 3 dBm, 8 PSK
0.4
%
Peak Error Vector Magnitude
POUT = 3 dBm, 8 PSK
1.4
%
ADL5591 @ fRF = 1850 MHz
fRF = 1850 MHz
Output Power
VIQ = 1.0 V p-p differential
3.0
5.0
7.0
dBm
vs. Frequency
fRF = 1805 MHz to 1880 MHz
±0.1
dB
vs. Temperature
0°C to 85°C
0.011
dB/°C
−25°C to 0°C
0.011
dB/°C
Sideband Suppression
−47
dBc
LO Leakage
−44
dBc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com