Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5591ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5591ACPZ-R7
Description  869 MHz to 1990 MHz Quadrature Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5591ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

  ADL5591ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADL5590/ADL5591
Rev. 0 | Page 6 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5590/
ADL5591
TOP VIEW
(Not to Scale)
24
25
26
23
22
21
1
2
3
9
20
27
19
GND
QBBN
QBBP
VOUT
GND
IBBN
IBBP
GND
GND
4
5
6
7
8
GND
GND
VPS1
GND
LOIP
GND
LOIN
GND
GND
PIN 1
INDICATOR
Figure 2. ADL5590/ADL5591 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5, 7 to 12, 14,
16 to 19, 22, 24,
27 to 30, 32, 34 to 36
GND
Ground. Connect to ground plane via a low impedance path.
3, 13, 15, 31, 33
VPS1, VPS2, VPS3,
VPS4, VPS5
Positive Supply Voltage. All pins should be connected to the same supply. To ensure
adequate external bypassing, connect 0.1 μF capacitors between each pin and ground.
4, 6
LOIP, LOIN
Local Oscillator Input. 50 Ω single-ended local oscillator input. Pins must be ac-coupled.
AC-couple LOIN to ground and drive LO through LOIP.
20, 21, 25, 26
IBBP, IBBN, QBBN, QBBP
Baseband Inputs. Differential in-phase and quadrature baseband inputs. These high
impedance inputs must be dc-biased to approximately 1.5 V dc. These inputs are not
self-biased and must be externally biased.
23
VOUT
RF Output. Single-ended, 50 Ω, internally biased RF output. Pin must be ac-coupled to
the load.
Exposed Paddle
Exposed Paddle. Connect to ground plane via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com