Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5591ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5591ACPZ-R7
Description  869 MHz to 1990 MHz Quadrature Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5591ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5591ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5591ACPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADL5590/ADL5591
Rev. 0 | Page 4 of 8
Parameter
Conditions
Min
Typ
Max
Unit
Output Return Loss
5.4
dB
Output P1 dB
16
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −1 dBm per tone
30
dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −1 dBm per tone
60
dBm
Output Noise Density
POUT = 5 dBm, 6 MHz carrier offset
−156
dBc/Hz
Output Noise Floor
Baseband inputs biased to 1.5 V
−157
dBm/Hz
Modulation Spectrum
Relative to carrier in 30 kHz, POUT = 3 dBm, 8 PSK
250 kHz carrier offset
−42.5
dBc
400 kHz carrier offset
−71.3
dBc
600 kHz carrier offset
−79.4
dBc
1.2 MHz carrier offset
−80.2
dBc
RMS Error Vector Magnitude
POUT = 3 dBm, 8 PSK
0.5
%
Peak Error Vector Magnitude
POUT = 3 dBm, 8 PSK
1.7
%
ADL5591 @ fRF = 1960 MHz
Output Power
VIQ = 1.0 V p-p differential
2.5
4.7
6.5
dBm
vs. Frequency
fRF = 1930 MHz to 1990 MHz
±0.1
dB
vs. Temperature
0°C to 85°C
+0.011
dB/°C
−25°C to 0°C
+0.011
dB/°C
Sideband Suppression
−48
dBc
LO Leakage
−44
dBc
Output Return Loss
6.0
dB
Output P1dB
16
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −1 dBm per tone
30
dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −1 dBm per tone
60
dBm
Output Noise Density
POUT = 5 dBm, 6 MHz carrier offset
−156
dBc/Hz
Output Noise Floor
Baseband inputs biased to 1.5 V
157
dBm/Hz
Modulation Spectrum
Relative to carrier in 30 kHz, POUT = 3 dBm, 8 PSK
250 kHz carrier offset
−42.5
dBc
400 kHz carrier offset
−71.4
dBc
600 kHz carrier offset
−79.7
dBc
1.2 MHz carrier offset
−80.5
dBc
RMS Error Vector Magnitude
POUT = 3 dBm, 8 PSK
0.5
%
Peak Error Vector Magnitude
POUT = 3 dBm, 8 PSK
1.6
%
LO INPUTS
LOIP, LOIN
LO Drive Level1
−1
+2
+5
dBm
Input Return Loss
ADL5590 @ fRF = 880 MHz
7.5
dB
ADL5591 @ fRF = 1850 MHz
10.7
dB
BASEBAND INPUTS
Pins IBBP, IBBN, QBBP, QBBN
I and Q Input Bias Level
1.5
V
Bandwidth (3 dB)
250
MHz
Differential Input Impedance
9
POWER SUPPLIES
Pin VPS1 to Pin VPS5
Voltage
Full specification
4.75
5.25
V
Degraded specification
4.5
5.5
V
Supply Current
ADL5590
170
mA
ADL5591
170
mA
1 LO drive in excess of 5 dBm can be provided to further reduce noise at 6 MHz carrier offset.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com