Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETUSBPDGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETUSBPDGY
Description  Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETUSBPDGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETUSBPDGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETUSBPDGY
DESCRIPTION
Dual USB charger A+C (18W QC / 45W USB-PD) 50 x 50mmm -
grey
NET WEIGHT (KG)
0.093
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 50
Depth - 36.5
MINIMUM MOUNTING BOX DEPTH
47mm
CONSTRUCTION
Construction - Polycarbonate
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
NO. OF USB PORTS
2
NO. OF TYPE-A PORTS
1
NO. OF TYPE-C PORTS
1
USB CHARGING
18W QC/45W USB-PD
STANDBY POWER
0.08W
WARRANTY
2year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270887242
Date Created: 22/04/2024 03:52
www.mlaccessories.co.uk
NETUSBPDGY
Dual USB charger A+C (18W QC / 45W USB-PD) 50 x
50mmm - grey


Similar Part No. - NETUSBPDGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETUSBPDBK KNIGHTSBRIDGE-NETUSBPDBK Datasheet
192Kb / 1P
Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm
22/04/2024
NETUSBPDWH KNIGHTSBRIDGE-NETUSBPDWH Datasheet
183Kb / 1P
Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm
22/04/2024
More results

Similar Description - NETUSBPDGY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
logo
Tripp Lite. All Rights ...
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
NXP Semiconductors
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-30W-C6 TRIPPLITE-U280-C02-30W-C6 Datasheet
183Kb / 3P
Dual-Port USB Car Charger with 30W Charging - USB-C (18W) QC 3.0, USB-A (12W), Coiled 6 ft. (1.83 m) USB-C Cable, Black
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
U280-C02-63W-1B TRIPPLITE-U280-C02-63W-1B Datasheet
189Kb / 3P
Dual-Port USB Car Charger, 63W Max - USB-C PD 3.0 Up to 60W, USB-A QC 3.0 Up to 18W
U280-C03-36W-1B TRIPPLITE-U280-C03-36W-1B Datasheet
183Kb / 3P
3-Port USB Car Charger, 36W Max - USB-C PD 3.0 Up to 18W, 2 USB-A QC 3.0 Up to 36W
logo
Coolgear Inc.
CG-PD110C2 COOLGEAR-CG-PD110C2 Datasheet
485Kb / 2P
ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port
Rev 05.230320
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com