Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5001ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAR5001ACBZ-R7
Description  10 GHz to 40 GHz, 2-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5001ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADAR5001ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet
ADAR5001
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 4 of 9
Table 2. Absolute Maximum Ratings
Parameter
Rating
Maximum Input Power (Any Port)
34 dBm
Maximum Total Power (S1 Port)
37 dBm
Temperature
Operating Range
−40°C to +85°C
Storage Range
−40°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for the ADAR5001
Table 3. ADAR5001, 8-Ball WLCSP
ESD Model
Withstand Threshold (V)
Class
HBM
2000
2
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com