Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5001ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAR5001ACBZ-R7
Description  10 GHz to 40 GHz, 2-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5001ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADAR5001ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
ADAR5001
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 5 of 9
Figure 2. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A3, B1, B3, C2
GND
Ground. Connect to a low impedance ground plane on the printed circuit board (PCB).
A2
S1
Sum and/or Split. The input port when the device is used as a splitter, and the output port when the device is used as a combiner.
S1 is AC-coupled in the signal path but has a DC path to ground.
C1
P2
Port 2. The RF output when the device is used as a splitter, and the RF input when the device is used as a combiner. P2 has a
DC path to ground.
C3
P1
Port 1. The RF output when the device is used as a splitter, and the RF input when the device is used as a combiner. P1 has a
DC path to ground.
INTERFACE SCHEMATICS
Figure 3. S1 Interface Schematic
Figure 4. P1, P2 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com