Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5001ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAR5001ACBZ-R7
Description  10 GHz to 40 GHz, 2-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5001ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADAR5001ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAR5001ACBZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
ADAR5001
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
2-way RF splitter combiner
►
Frequency range: 10 GHz to 40 GHz
►
Insertion loss (excess of 3 dB):
►
−1 dB from 10 GHz to 18 GHz
►
−1.1 dB from 18 GHz to 27 GHz
►
Return loss (Port S1):
►
−15 dB from 10 GHz to 18 GHz
►
−12 dB from 18 GHz to 27 GHz
►
Isolation:
►
−20 dB at 10 GHz to 18 GHz
►
−23 dB from 18 GHz to 27 GHz
►
1.460 mm × 1.460 mm × 0.500 mm, wafer level chip-scale
package (WLCSP)
APPLICATIONS
►
General-purpose microwave signal distribution
►
Phased-array satellite communication (SATCOM) systems
►
Phased-array radar systems
GENERAL DESCRIPTION
The ADAR5001 is a 1-to-2 Wilkinson power splitter that is designed
for space-constrained microwave signal distribution applications.
Excess insertion loss ranges from −1.0 dB (from 10 GHz to 18
GHz) and −1.1 dB (from 18 GHz to 27 GHz). The two outputs are
matched in both phase and amplitude, making the ADAR5001 ideal
for signal distribution applications requiring low time skew between
channels. The ADAR5001 can also be used as a combiner, combin-
ing input signals at the P1 and P2 ports to an output at the S1
port. The ADAR5001 is housed in a compact, 1.460 mm × 1.460
mm × 0.500 mm WLCSP, which makes it ideal for use in planar,
phased-array antenna systems that require a tight pitch between
elements.
The ADAR5001 is fabricated on a passive silicon process, and it is
specified to operate from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADAR5001ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR5000 AD-ADAR5000 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
ADAR5000-EVALZ AD-ADAR5000-EVALZ Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
ADAR5000ACBZ AD-ADAR5000ACBZ Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
ADAR5000ACBZ-R7 AD-ADAR5000ACBZ-R7 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
More results

Similar Description - ADAR5001ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD19-73 ALPHA-PD19-73 Datasheet
339Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD4W09-12 SKYWORKS-PD4W09-12 Datasheet
44Kb / 3P
Four-Way 0 Power Splitter Combiner 0.81--0.96 GHz
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD4W18-12 SKYWORKS-PD4W18-12 Datasheet
133Kb / 5P
Four-Way Power Splitter Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
Two-Way Power Splitter Combiner 1.42-1.66 GHz
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
logo
Analog Devices
ADAR5000 AD-ADAR5000 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com