Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD7008 Datasheet(PDF) 52 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 48Page - Analog Devices ADPD7008 Datasheet HTML 49Page - Analog Devices ADPD7008 Datasheet HTML 50Page - Analog Devices ADPD7008 Datasheet HTML 51Page - Analog Devices ADPD7008 Datasheet HTML 52Page - Analog Devices ADPD7008 Datasheet HTML 53Page - Analog Devices ADPD7008 Datasheet HTML 54Page - Analog Devices ADPD7008 Datasheet HTML 55Page - Analog Devices ADPD7008 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 52 of 71
Table 16. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
[14:
0]
OSC_32M_CAL_COUNT
High frequency oscillator calibration count. This
register contains the total number of 32 MHz
cycles that occurred during the last high frequency
oscillator calibration cycle.
0x0
R
0x00B
OSC960K
15
CAPTURE_TIMESTAMP
Enables time stamp capture. This bit is used to
arm the time stamp capture function. When set,
the next rising edge on the time stamp input
(defaults to GPIO0) causes a time stamp capture.
This bit is cleared when the time stamp occurs.
0x0
R/W
[14:
12]
RESERVED
Reserved.
0x0
R
11
OSC_960K_EFUSE_CTRL
Enables the frequency oscillator frequency
control from the eFuse bits. Write 0 to this
bit to enable the frequency control from the
OSC_960K_FREQ_ADJ bits.
0x1
R/W
10
OSC_CAL_ENABLE
Enables clock calibration clocking. Writing a 1 to
this bit enables the clocking of the low frequency
and high frequency calibration circuits.
0x0
R/W
[9:0] OSC_960K_FREQ_ADJ
Low frequency oscillator frequency control. 0x000
is the lowest frequency, and 0x3FF is the
maximum frequency.
0x2B2
R/W
0x00D
TS_FREQ
[15:
0]
TIMESLOT_PERIOD_L
Lower 16 bits of time slot period in low frequency
oscillator cycles. The time slot rate is (timer clock
frequency)/(TIMESLOT_PERIOD_x). The default
value operates at 100 Hz when using the 960
kHz clock. If the timer clock is set as an external
source from the GPIO, either 960 kHz or 32 kHz,
TM_CLK_GPIO_SEL must be configured to match
the real clock frequency.
0x2580
R/W
0x00E
TS_FREQH
[15:
7]
RESERVED
Reserved.
0x0
R
[6:0] TIMESLOT_PERIOD_H
Upper seven bits of time slot period in low
frequency oscillator cycles. The time slot rate is
(timer clock frequency)/(TIMESLOT_PERIOD_x).
The default value operates at 100 Hz when using
the 960 kHz clock. If the timer clock is set to be an
external source from the GPIO, either 960 kHz or
32 kHz, TM_CLK_GPIO_SEL must be configured
to match the real clock frequency.
0x0
R/W
0x00F
SYS_CTL
15
SW_RESET
Software Reset. Write 1 to this bit to assert
a software reset. This resets the chip to its
default values and stopping all analog front end
operations. It does not reset the SPI (or optional
I2C) port. The write to this register completes
normally.
0x0
R0/W
[14:
12]
RESERVED
Reserved.
0x0
R
11
RESERVED
Reserved.
0x0
R
[10:
8]
ALT_CLOCKS
External clock select.
0x0
R/W
000: uses internal clocks.
001: uses GPIO for low frequency oscillator (960
kHz). Timer clock also uses this as source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com