Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD7008 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 17Page - Analog Devices ADPD7008 Datasheet HTML 18Page - Analog Devices ADPD7008 Datasheet HTML 19Page - Analog Devices ADPD7008 Datasheet HTML 20Page - Analog Devices ADPD7008 Datasheet HTML 21Page - Analog Devices ADPD7008 Datasheet HTML 22Page - Analog Devices ADPD7008 Datasheet HTML 23Page - Analog Devices ADPD7008 Datasheet HTML 24Page - Analog Devices ADPD7008 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Data Sheet
ADPD7008
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 71
Timing Recommendations for Digital
Integration Mode
When setting the timing for digital integration mode, it is important
to place the ADC samples such that the signal being sampled is
given time to settle before the sample being taken. Photodiode
capacitance and the TIA settling time affect the settling time of the
input signal.
If automatic ambient light rejection is on (AMBIENT_CANCELLA-
TION_x is set to either 1 (01) or 2 (10) decimal), time is needed at
the beginning of each time slot to enable the ambient rejection loop.
The start-up time of this loop is 18 μs, and the working time of this
loop is 30 μs.
The TIA_SAT_DET internal block must be turned on to speed up
the TIA settling. Speeding up the TIA settling can help the TIA
enter a normal working state quickly to make the automatic ambient
rejection loop more accurate.
After the ambient loop completes, the first ADC sample of dark data
can be enabled. The DARK1_OFFSET_x setting must be equal or
larger than the ambient loop working time (48 μs).
Figure 24 shows an example of the proper placement of the ADC
sampling edges.
Figure 24. Proper Placement of ADC Sampling Edges in Digital Integration
Mode
The recommended DARK1_OFFSET_x setting after the automatic
ambient loop completes is 48 μs, or 10 μs if automatic ambient
rejection is not turned on.
As shown in Figure 24, different optical devices, including the LED
and photodiode, have different response times. tD_RISE is the rising
time of the photodiode current, and tD_FALL is the falling time of
the photodiode current. tD is either tD_RISE or tD_FALL, depending on
which one is bigger.
See the following equations to calculate the timing:
LED_OFFSET_x=DARK
1_OFFSET_x+
NUM_INT_x+tD−tD_RISE
(4)
LIT_OFFSET_x=LED_OFFSET_x+tD_RISE (5)
DARK
2_OFFSET_x=LED_OFFSET_x
+LED_WIDTH_x+tD
(6)
These values must be characterized in the final application. These
settings only apply to two-region digital integration mode.
Table 14. Empirical Values for Two-Region Digital Integration Mode
Optical Device
Green (μs)
Red (μs)
Infrared (μs)
LED_WIDTH_x
24
24
36
PERIOD_x
58
60
138
NUM_INT_x
10
9
13
LED_OFFSET_x
60
59
91
LIT_OFFSET_x
64
65
101
DARK1_OFFSET_x
48
48
48
DARK2_OFFSET_x
90
91
167
tD_RISE
4
6
10
tD_FALL
6
8
40
Optimizing Sampling Sequence
If the empirical value is not appropriate for the measurement,
optimize the sampling sequence.
See the following reference method for sweeping the curve (this
example is based on TSA Channel 1 in a dark environment):
1. Enable the following settings:
►
One-region digital integration mode
►
1× TIA configuration
►
AFE_TRIM_VREF_A = 3
►
AMBIENT_CANCELLATION_A = 0
►
NUM_INT_A = 1
►
NUM_REPEAT_A = 1
►
DARK1_OFFSET_A = 10
►
LED_OFFSET_A = 20
►
LED_WIDTH_A = 80
►
LIT_OFFSET_A = 130
►
MIN_PERIOD_A = 160
2. Power on the optical devices and enable TSA Channel 1.
3. Collect about 100 lit data values (remove the first 10 data
values) and calculate the mean value.
4. Sweep the LIT_OFFSET_A bit from 130 to 10 and reproduce
the result from Step 3.
5. Plot the mean value of the lit data and LIT_OFFSET_A. The
response time of the optical device (for example, OSRAM
FIREFLY
® CT DBLP31.12) is shown in Figure 25.
When collecting the lit data with the LIT_OFFSET_A bit changing,
the data is lower than 16384 (unsaturated).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com