Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD7008 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 9Page - Analog Devices ADPD7008 Datasheet HTML 10Page - Analog Devices ADPD7008 Datasheet HTML 11Page - Analog Devices ADPD7008 Datasheet HTML 12Page - Analog Devices ADPD7008 Datasheet HTML 13Page - Analog Devices ADPD7008 Datasheet HTML 14Page - Analog Devices ADPD7008 Datasheet HTML 15Page - Analog Devices ADPD7008 Datasheet HTML 16Page - Analog Devices ADPD7008 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Data Sheet
ADPD7008
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 71
OPTICAL SIGNAL CHAIN
The optical signal path stimulates up to eight LEDs and measures
the return signal on up to four separate current inputs. Twelve
optical time slots enable 12 separate optical measurements per
sampling period.
The analog inputs can be driven single-ended or in differential pairs.
The four analog inputs can be multiplexed into a single channel or
two independent channels, enabling simultaneous sampling of two
sensors.
The optical signal chain consists of a TIA, an integrator that can
also be configured as a buffer depending on the register setting,
and an ADC. The digital block provides multiple operating modes,
programmable timing, and block averaging.
Two independent LED drivers are provided that can each drive up
to 200 mA. Two LED drivers can be enabled in any time slot and
can be programmed from 1.57 mA to 200 mA monotonically, with a
7-bit register setting. The LED drivers enabled in any time slot can
provide a combined maximum LED current of 400 mA.
When making optical measurements, ambient light rejection is
automatic without the need of external control loops, dc current
subtraction, or digital algorithms.
The LED driver is a current sink and is independent from the LED
supply voltage and the LED type. The optical measurement path
produces a high SNR for relatively low LED power, while greatly
reducing the effect of ambient light on the measured signal.
Analog Signal Path
The analog signal path of the optical signal chain consists of four
current inputs that can be configured as single-ended or differential
pairs into one of four independent channels. The four channels can
be sampled simultaneously for applications that require instantane-
ous sampling of four sensors.
Analog Input Multiplexer
The optical signal chain supports four analog input pins. Each input
can be used as a single-ended input or as part of a differential
pair. Figure 15 shows a single representation of the input switch
matrix, which allows a programmable connection to the four optical
channels. Each pair of inputs has a duplicate of this multiplexer: IN1
and IN2, and IN3 and IN4. The connections are programmable per
time slot.
The PAIR12 and PAIR34 bits select whether the matching input
pair is used as two single-ended inputs or as a differential pair.
This selection is valid for all active time slots. The INP12_x and
INP34_x bits specify whether the input pair is enabled during the
corresponding time slot and, if enabled, which input is connected to
which optical channel. Note that Channel 1 and Channel 2 support
single-ended or differential inputs, while Channel 3 and Channel 4
only support a single-ended input.
The sleep conditions are used for any inputs that are not ena-
bled. Sleep conditions are determined by the INP_SLEEP_12 and
INP_SLEEP_34 bits, which specify the state for the input pairs
during sleep and when the inputs are not active. Inputs are only
considered active during the precondition and pulse regions for time
slots where they are enabled.
Preconditioning of the sensor connected to the input is provided
to set the operating point at the input before sampling. There
are several different options for preconditioning determined by the
PRECON_x bits. The PRECON_x bits are provided for each time
slot to specify the precondition for enabled inputs or input pairs
during the corresponding time slot. Preconditioning options include
floating the inputs, VC1, an internal voltage reference signal for
the TIA (TIA_VREF), a TIA input, and shorting the input pair. The
preconditioning time at the start of each time slot is programmable
using the PRE_WIDTH_x bits. The default preconditioning period is
8 µs.
The block diagram in Figure 15 shows the bias levels that can be
switched into the input connections during sleep and precondition-
ing. These connections are not available during the sampling phase
of a time slot in which the input is selected.
Figure 15. Switch Matrix Block Diagram
Ambient Light Cancellation
The ADPD7008 has three modes to perform ambient light cancella-
tion, as follows:
►
Coarse tuning only
►
Coarse and fine tuning loop
►
External microcontroller unit (MCU) control
Coarse tuning only mode and coarse and fine tuning loop mode
are automatically controlled by the ADPD7008 without any software
assistance. External MCU control mode allows tuning the ambient
light rejection through an external algorithm.
Use the AMBIENT_CANCELLATION_x bits to choose the mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com