Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DS8
Description  6.0*4.5mm detector switch, manual soldering, normal close
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DS8 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DS8 Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2020 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
100,000
5VDC, 0.1~5mA
50 MΩ min @ 250VDC
250 VAC for 1 minute
2Ω max.
Materials
Materials
Housing
Cover
Knob
Terminal
Spring
Polyamide
Polycarbonate
POM
Phosphor bronze
with silver plating
Part Name
Material
Miniature package for space saving
Normal close
Top actuated
RoHS Compliant
Product Features
01
DS8 Series
-20°C ~ 70°C
6.0*4.5mm detector switch, manual soldering, normal close
Specification
35 gram max.
Drawing
Stainless Steel
Above Part No. is DS8-M1


Similar Part No. - DS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8005 MAXIM-DS8005 Datasheet
341Kb / 20P
Smart Card Intergace
Rev 0; 4/10
DS8005-RRX+ MAXIM-DS8005-RRX+ Datasheet
341Kb / 20P
Smart Card Intergace
Rev 0; 4/10
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
More results

Similar Description - DS8

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
logo
SUYIN USA, INC.
010163FB SUYIN-USA-010163FB Datasheet
150Kb / 1P
2 in 1 EARPHONE. DC JACK WITH SWITCH NORMAL CLOSE TYPE
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Teledyne Technologies I...
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
logo
SHINMEI ELECTRIC CO., L...
LSB-1112A SHINMEI-LSB-1112A Datasheet
83Kb / 2P
Normally close type leaf switch
logo
Transko Electronics, In...
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com