Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV09MHXXXD103C Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RV09MHXXXD103C
Description  9mm Rotary Potentiometer, metal shaft and bushing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV09MHXXXD103C Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RV09MHXXXD103C Datasheet HTML 1Page - Apex Electronics Co., Ltd RV09MHXXXD103C Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV09M Series
9mm Rotary Potentiometer, metal shaft and bushing
01
Features
Compact 9mm diameter for space saving
Metal shaft and bushing
Snap-in bracket for better support
Dual output available
Custom options available
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.
Potentiometer Specification
How to order
Operating Temperature
-10°C to +70°C
Operating Force
20 ~ 250 gf.cm
Total Resistance
5, 10, 20, 50, 100, 250, 500 K
Total Resistance Tolerance
±20%
Stop Strength
5Kgf.cm min.
Pull-pull Strength
8Kgf.cm min.
Resistance Taper
Standard linear , custom linear or audio
Total Rotational Angle
300°
Power Rating
0.05W
Life Cycle
15,000
RV09M
Series
Center Detent
L No detent
C With detent
Shaft & Bushing
Refer to page 2
Mounting
V Vertical
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
H Horizontal
Output
S Single
D Dual


Similar Part No. - RV09MHXXXD103C

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RV09P APEX-ELECTRONICS-RV09P Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX103C APEX-ELECTRONICS-RV09PHXXXX103C Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX103L APEX-ELECTRONICS-RV09PHXXXX103L Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX104C APEX-ELECTRONICS-RV09PHXXXX104C Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX104L APEX-ELECTRONICS-RV09PHXXXX104L Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
More results

Similar Description - RV09MHXXXD103C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8182 BOURNS-8182 Datasheet
262Kb / 5P
Metal shaft and bushing
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P09X BITECH-P09X Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P231 BITECH-P231 Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com