Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRACON Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDRACON
Description  24V DC PVC Right Angle Connector for LED Linkable Flat Striplights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDRACON Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDRACON Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDRACON
DESCRIPTION
24V DC PVC Right Angle Connector for LED Linkable Flat
Striplights
NET WEIGHT (KG)
0.013
DIMENSIONS (MM)
Length - 57
Width - 38
Projection - 9
CONSTRUCTION
Construction - PVC
CLASS
III
IP RATING
IP20
INPUT VOLTAGE
24V DC
SECONDARY VOLTAGE
24V
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055559133674
Date Created: 26/04/2024 06:08
www.mlaccessories.co.uk
LEDRACON
24V DC PVC Right Angle Connector for LED
Linkable Flat Striplights


Similar Part No. - LEDRACON

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRA62X62M BANNER-LEDRA62X62M Datasheet
403Kb / 2P
A62X62M Series Area Lights
LEDRA62X62W BANNER-LEDRA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDRA70AD5-XQ BANNER-LEDRA70AD5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRA70AG5-XQ BANNER-LEDRA70AG5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
More results

Similar Description - LEDRACON

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSB-SSS-PQ2-1 DOMINANT-DSB-SSS-PQ2-1 Datasheet
536Kb / 12P
Right Angle LED
DSS-SSS-PQ2-1 DOMINANT-DSS-SSS-PQ2-1 Datasheet
535Kb / 13P
Right Angle LED
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
BD5-H2-AH ETC2-BD5-H2-AH Datasheet
302Kb / 4P
Brushless DC Drive for 57mm 60W 24V motor
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
24V, 200W, DC/DC CONVERTER
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
24V, 100W, DC/DC CONVERTER
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
24V, 200W, DC/DC CONVERTER
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com