Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDTCON Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDTCON
Description  24V DC PVC Connector for LED Triangular Striplights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDTCON Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDTCON Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDTCON
DESCRIPTION
24V DC PVC Connector for LED Triangular Striplights
NET WEIGHT (KG)
0.008
FINISH
Black
DIMENSIONS (MM)
Length - 32
Width - 33
Projection - 20
CONSTRUCTION
Construction - PVC
IP RATING
IP20
INPUT VOLTAGE
24V DC
SECONDARY VOLTAGE
24V
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055559111191
Date Created: 26/04/2024 06:08
www.mlaccessories.co.uk
LEDTCON
24V DC PVC Connector for LED Triangular
Striplights


Similar Part No. - LEDTCON

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16_24 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16_24-300 GAPTEC-LEDT16_24-300 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16_24-350 GAPTEC-LEDT16_24-350 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16_24-500 GAPTEC-LEDT16_24-500 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDTCON

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2070-R MARKTECH-MT2070-R Datasheet
28Kb / 1P
3x4x4mm TRIANGULAR HEAD LED LAMPS
logo
Yellow Stone Corp
BL-T1131-T YSTONE-BL-T1131-T Datasheet
974Kb / 2P
STANDARD LED LAMPS(TRIANGULAR & OVAL TYPES)
logo
List of Unclassifed Man...
T2333 ETC1-T2333 Datasheet
429Kb / 3P
TRIANGULAR TYPE
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
24V, 200W, DC/DC CONVERTER
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
24V, 200W, DC/DC CONVERTER
logo
FIBOX Enclosing innovat...
3570673 FIBOX-3570673 Datasheet
52Kb / 1P
Triangular key
31.07.2023
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com