Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR2PCD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSR2PCD
Description  FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR2PCD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSR2PCD Datasheet HTML 4Page - STMicroelectronics STSR2PCD Datasheet HTML 5Page - STMicroelectronics STSR2PCD Datasheet HTML 6Page - STMicroelectronics STSR2PCD Datasheet HTML 7Page - STMicroelectronics STSR2PCD Datasheet HTML 8Page - STMicroelectronics STSR2PCD Datasheet HTML 9Page - STMicroelectronics STSR2PCD Datasheet HTML 10Page - STMicroelectronics STSR2PCD Datasheet HTML 11Page - STMicroelectronics STSR2PCD Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STSR2P/STSR2PM
8/12
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj =25°C
Figure 1 : Zener Characteristics
Figure 2 : Rise and Fall Time vs Load Capacitor
Figure 3 : OUTGATE1,2 vs Characteristics
Figure 4 : Sink-Source ON Resistance vs
Temperature
Figure 5 : Clock Threshold Voltage vs
Temperature
Figure 6 : INHIBIT Threshold Voltage vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com