Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR2PCD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STSR2PCD
Description  FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR2PCD Datasheet(HTML) 3 Page - STMicroelectronics

  STSR2PCD Datasheet HTML 1Page - STMicroelectronics STSR2PCD Datasheet HTML 2Page - STMicroelectronics STSR2PCD Datasheet HTML 3Page - STMicroelectronics STSR2PCD Datasheet HTML 4Page - STMicroelectronics STSR2PCD Datasheet HTML 5Page - STMicroelectronics STSR2PCD Datasheet HTML 6Page - STMicroelectronics STSR2PCD Datasheet HTML 7Page - STMicroelectronics STSR2PCD Datasheet HTML 8Page - STMicroelectronics STSR2PCD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STSR2P/STSR2PM
3/12
PIN DESCRIPTION
Pin N°
Symbol
Name and Function
1OUTGATE1
Gate Drive signal for Rectifier MOSFET. Anticipation (tANT1) in turning off
OUTGATE1 is provided when the clock input goes to low level.
2VCC
The supply voltage range from 4.5V to 5.5V allows applications with logic gate
threshold mosfets. UVLO feature guarantees proper start-up while it avoids
undesirable driving during eventual dropping of the supply voltage.
3
SETANT2
The voltage on this pin sets the anticipation (tANT1) in turning off the OUTGATE2.It
is possible to choose among three different anticipation times by discrete
partitioning of the supply voltage.
4
CK
This input provides synchronization for IC’s operations, being the transitions
between the two output conditions based on a positive threshold, equal for the
two slopes. A smart internal control logic mechanism using a 15MHz internal
oscillator generates proper anticipation timing at the turn-off of each output. This
feature allows safe turn-off of Synchronous Rectifiers avoiding any eventual
shoot-through situation on secondary side at both transitions. Smart clock
revelation mechanism makes these operations independent by false triggering
pulses generated in light load conditions and by particular demagnetization
techniques.Absolute maximum voltage rating of the pin can be exceeded limiting
the current flowing into the pin to 10mA max.
5
INHIBIT
This input enables OUTGATE2 to work when its voltage is lower than the negative
threshold voltage (VINHIBIT<VH). If VINHIBIT>VH the OUTGATE2 will be high for a
minimum conduction time (tON(GATE2)). In typical forward converter application, it
is possible to turn off the freewheeling MOSFET when the current through it tends
to reverse, allowing discontinuous conduction mode and providing protection to
the converter from eventual sinking current from the load.Absolute maximum
voltage rating of the pin can be exceeded limiting the current flowing into the pin
to 10mA max.
6
SGLGND
Reference for all the control logic signals. This pin is completely separated from
the PWRGND to prevent eventual disturbances to affect the control logic.
7OUTGATE2
Gate Drive signal for Freewheeling MOSFET. Anticipation [tANT2] in turning off
OUTGATE2 is provided when the clock input goes to high level.
8
PWRGND
Reference for power signals, this pin carries the full peak currents for the two
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com