Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR2PCD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSR2PCD
Description  FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR2PCD Datasheet(HTML) 4 Page - STMicroelectronics

  STSR2PCD Datasheet HTML 1Page - STMicroelectronics STSR2PCD Datasheet HTML 2Page - STMicroelectronics STSR2PCD Datasheet HTML 3Page - STMicroelectronics STSR2PCD Datasheet HTML 4Page - STMicroelectronics STSR2PCD Datasheet HTML 5Page - STMicroelectronics STSR2PCD Datasheet HTML 6Page - STMicroelectronics STSR2PCD Datasheet HTML 7Page - STMicroelectronics STSR2PCD Datasheet HTML 8Page - STMicroelectronics STSR2PCD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STSR2P/STSR2PM
4/12
ELECTRICAL CHARACTERISTICS (VCC=5V, CK= 250kHz, VINHIBIT =-200mV, TJ =-40 to 125°C, unless
otherwise specified.)
Note1: tR is measured between 10% and 90% of the final voltage; tF is measured between 90% and 10% on the initial voltage
Note2: Parameter guaranteed by design
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT AND UNDER VOLTAGE LOCK OUT
VCCON
Start Threshold
3.8
4
V
VCCOFF
Turn OFF Threshold After
Start
3.5
3.6
V
VZ
Zener Voltage
CK=0V
IZ = 2mA
5.5
5.8
6
V
ICC
Unloaded Supply Current
OUTGATE1,2= no load
22
30
mA
CK=0V
OUTGATE1,2= no load
3
5
GATE DRIVER OUTPUTS
VOL
Output Low Voltage
IOUTGATE1,2=-200mA
0.10
0.16
V
VOH
Output High Voltage
IOUTGATE1,2=200mA
4.70
4.85
V
IOUT
Output Source Peak
Current
2A
Output Sink Peak Current
3.5
ROUT
Output Series Source
Resistance
IOUTGATE1,2=-200mA
0.75
1.5
Output Series Sink
Resistance
IOUTGATE1,2=200mA
0.5
0.8
tR
OUTGATE1,2 Rise Time
CLOAD=5nF (Note 1)
40
ns
tF
OUTGATE1,2 Fall Time
CLOAD=5nF (Note 1)
30
ns
tP1
Clock Propagation Delay to
Turn ON of OUTGATE1
No Load
130
ns
tP2
Clock Propagation Delay to
Turn ON of OUTGATE2
No Load
50
ns
TURN-OFF ANTICIPATION TIME
tANT1
OUTGATE1 Turn-off
Anticipation Time
No Load
75
ns
tANT2
OUTGATE2 Turn-off
Anticipation Time
VANT2 = 0 to 1/3VCC; no load
75
ns
VANT2 =1/3VCC to 2/3VCC; no load
150
VANT2 =2/3VCC to VCC; no load
225
ISETANT2 Leakage Current (Note 2)
-0.1
0.1
µA
INHIBIT OUTGATE2 ENABLE
VH
Threshold Voltage
TJ = 25°C
-30
-25
mV
IH
Leakage Current (Note 2)
VINHIBIT = 200mV
-400
nA
VINHIBIT = -200mV
1
µA
tON(GATE2) OUTGATE1 Turn-off
Anticipation Time
VINHIBIT = 200mVNo Load
250
ns
VCK
Reference Voltage
TJ = 25°C
2.6
2.8
V
ICK
LX Leakage Current
600
µA
DOFF
Duty Cycle Shut Down
TJ = 25°C
for STSR2P
13
14
%
Duty Cycle Turn ON after
Shut Down
TJ = 25°C
for STSR2P
18
20
tPW
Minimum Pulse Width
STSR2PM
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com