Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDFS12DL Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDFS12DL
Description  12V IP20 LED Bendable Flex Daylight 6500K (5 metres)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDFS12DL Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDFS12DL Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDFS12DL
DESCRIPTION
12V IP20 LED Bendable Flex Daylight 6500K (5 metres)
NET WEIGHT (KG)
0.09
DIMENSIONS (MM)
Length - 5015
Width - 8
Projection - 2
CLASS
III
IP RATING
IP20
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
610
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
97.16
CIRCUIT WATTAGE (W)
5.1
CCT
6500K
LIGHT COLOUR
Daylight
LIFE SPAN (HRS)
25,000
DIMMABLE
Driver dependent
INPUT VOLTAGE
12V DC
DRIVER
DRIVER TYPE - Constant Voltage
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 62479
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832978381
Date Created: 30/04/2024 03:42
www.mlaccessories.co.uk
LEDFS12DL
12V IP20 LED Bendable Flex Daylight 6500K (5
metres)


Similar Part No. - LEDFS12DL

ManufacturerPart #DatasheetDescription
logo
Broyce Control
LEDF-4-A BROYCECONTROL-LEDF-4-A Datasheet
483Kb / 1P
True Delay Off Timer (Delay On Release)
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103N OSRAM-LEDFOG103N Datasheet
112Kb / 3P
Additional mounting for LEDriving FOG PL and LEDriving F1
LEDFOG201BK12 OSRAM-LEDFOG201BK12 Datasheet
104Kb / 3P
LED fog light with integrated control
More results

Similar Description - LEDFS12DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1141 ETC-M1141 Datasheet
103Kb / 2P
12V 3/5 CAR USE BLINKING LED
logo
KODENSHI_AUK CORP.
PT23GP11 KODENSHI-PT23GP11 Datasheet
527Kb / 2P
Daylight sensor
logo
OptoSupply Internationa...
OSM5G45161A-CCW OPTOSUPPLY-OSM5G45161A-CCW Datasheet
105Kb / 1P
5mm Round Module 12V LED
logo
Level One
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
logo
ORION FANS
OD5210 ORIONFANS-OD5210 Datasheet
1Mb / 1P
DC Fan - 5, 12V
logo
TDK Electronics
B57869S0103F140 TDK-B57869S0103F140 Datasheet
442Kb / 18P
Miniature sensors with bendable wires
logo
PHOENIX CONTACT
1656725 PHOENIX-1656725 Datasheet
144Kb / 5P
VS-08-RJ45-5-Q/IP20
logo
SparkFun Electronics
COM-14697 SPARKFUN-COM-14697 Datasheet
264Kb / 2P
Bendable EL Wire Blue 3m
7-16-18
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
Bendable EL Wire - Purple 3m
7??6??8
logo
PHOENIX CONTACT
1418879 PHOENIX-1418879 Datasheet
281Kb / 7P
Patch cable - VS-IP20/10G-IP20/10G-94F/5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com