Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TI77B Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # TI77B
Description  7.2X6.8mm tact switch, illuminated, horizontal mounted
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TI77B Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  TI77B Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
TI77B Series
7.2X6.8mm tact switch, illuminated, horizontal mounted
01
Product Features
‧
Illuminated LED integrated
Wave soldering process
100,000 long-life cycles
Various LED color, optional cap
Custom options available
‧
‧
‧
‧
Applications
Panel control that requires tactile switch with illumination intrgrated.
Popular for applications in audio, industrial, medical, communication
Specification
Drawing
Operating Temperature
-20°C to +70°C
Operating Force
220gf
Travel
0.25mm
Total Height
5.0mm
Power Rating
12 VDC at 50mA
Insulation Resistance
100MΩ
Dielectrical Strength
250VAC for 1-minute
Life Cycle
100,000
PCB Land Pattern
t=1.6mm
Ordering Part No.
TI77B5022


Similar Part No. - TI77B

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
TI77A APEX-ELECTRONICS-TI77A Datasheet
1Mb / 2P
6.7X6.7mm tact switch, illuminated, vertical mounted
TI77AVS16C1BB APEX-ELECTRONICS-TI77AVS16C1BB Datasheet
1Mb / 2P
6.7X6.7mm tact switch, illuminated, vertical mounted
TI77AVS16C1BR APEX-ELECTRONICS-TI77AVS16C1BR Datasheet
1Mb / 2P
6.7X6.7mm tact switch, illuminated, vertical mounted
TI77AVS16C1GB APEX-ELECTRONICS-TI77AVS16C1GB Datasheet
1Mb / 2P
6.7X6.7mm tact switch, illuminated, vertical mounted
TI77AVS16C1GR APEX-ELECTRONICS-TI77AVS16C1GR Datasheet
1Mb / 2P
6.7X6.7mm tact switch, illuminated, vertical mounted
More results

Similar Description - TI77B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1220 E-SWITCH-TL1220 Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1240 E-SWITCH-TL1240 Datasheet
203Kb / 2P
TACT SWITCHES ILLUMINATED
TL1250 E-SWITCH-TL1250 Datasheet
175Kb / 1P
ILLUMInATED RIGhT AnGLE TACT SWITCh
TL1290 E-SWITCH-TL1290 Datasheet
242Kb / 1P
TACT SWITCHES ILLUMINATED - RIGHT ANGLE
logo
C&K Components
ITS CK-COMPONENTS-ITS Datasheet
895Kb / 9P
Illuminated Tact Switch
ITS CK-COMPONENTS-ITS_V01 Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
Illuminated SMT Tact Switch
10 jan 18
K8 CK-COMPONENTS-K8 Datasheet
367Kb / 2P
Illuminated SMT Tact Switch with Dedicated LED
10 jan 18
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
Illuminated Tact Switch
3 Dec 21
K5V CK-COMPONENTS-K5V_V01 Datasheet
782Kb / 5P
Illuminated Tact Switch
13 May 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com