Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS50K275P Datasheet(PDF) 2 Page - EPCOS

Part # LS50K275P
Description  Strap Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS50K275P Datasheet(HTML) 2 Page - EPCOS

  LS50K275P Datasheet HTML 1Page - EPCOS LS50K275P Datasheet HTML 2Page - EPCOS LS50K275P Datasheet HTML 3Page - EPCOS LS50K275P Datasheet HTML 4Page - EPCOS LS50K275P Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
232 04/02
1) available upon request
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering
code
Type
SIOV-
Ordering
code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
LS50K130P
B72250
L0131K100
LS50K130PK2
B72250
L0131K1021)
130
170
75000
490
1,5
LS50K150P
B72250
L0151K100
LS50K150PK2
B72250
L0151K1021)
150
200
75000
570
1,5
LS50K230P
B72250
L0231K1001)
LS50K230PK2
B72250
L0231K1021)
230
300
75000
730
1,5
LS50K250P
B72250
L0251K1001)
LS50K250PK2
B72250
L0251K1021)
250
320
75000
800
1,5
LS50K275P
B72250
L0271K100
LS50K275PK2
B72250
L0271K1021)
275
350
75000
860
1,5
LS50K320P
B72250
L0321K100
LS50K320PK2
B72250
L0321K1021)
320
420
75000
1000
1,5
LS50K385P
B72250
L0381K1001)
LS50K385PK2
B72250
L0381K1021)
385
505
75000
1200
1,5
LS50K420P
B72250
L0421K1001)
LS50K420PK2
B72250
L0421K1021)
420
560
75000
1500
1,5
LS50K440P
B72250
L0441K1001)
LS50K440PK2
B72250
L0441K1021)
440
585
75000
1580
1,5
LS50K460P
B72250
L0461K1001)
LS50K460PK2
B72250
L0461K1021)
460
615
75000
1650
1,5
LS50K550P
B72250
L0551K100
LS50K550PK2
B72250
L0551K1021)
550
745
75000
1500
1,5
HighE Series
Strap Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com