Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS50K275P Datasheet(PDF) 4 Page - EPCOS

Part # LS50K275P
Description  Strap Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS50K275P Datasheet(HTML) 4 Page - EPCOS

  LS50K275P Datasheet HTML 1Page - EPCOS LS50K275P Datasheet HTML 2Page - EPCOS LS50K275P Datasheet HTML 3Page - EPCOS LS50K275P Datasheet HTML 4Page - EPCOS LS50K275P Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
234 04/02
SIOV-LS50K … P
Weight: 30 … 90 g
SIOV-LS50K … PK2
Weight: 30 … 90 g
Dimensions
Type
SIOV-
Tmax
mm
L
± 1,0
mm
LS50K130P
8,1
– 3,5
LS50K150P
8,3
– 3,2
LS50K230P
9,0
– 2,0
LS50K250P
9,2
– 1,8
LS50K275P
9,4
– 1,6
LS50K320P
9,9
– 1,1
LS50K385P
10,6
– 0,4
LS50K420P
10,9
0,0
LS50K440P
11,1
0,2
LS50K460P
11,4
0,4
LS50K550P
12,3
1,2
VAR0492-R
7
3,5
25,4±0,5
57 max.
T
Type
SIOV-
Tmax
mm
L
± 1,0
mm
LS50K130PK2
8,1
4,4
LS50K150PK2
8,3
4,6
LS50K230PK2
9,0
5,3
LS50K250PK2
9,2
5,5
LS50K275PK2
9,4
5,8
LS50K320PK2
9,9
6,3
LS50K385PK2
10,6
6,9
LS50K420PK2
10,9
7,3
LS50K440PK2
11,1
7,5
LS50K460PK2
11,4
7,8
LS50K550PK2
12,3
8,7
VAR0500-W
7
25,4±0,5
57 max.
T
3,5
L
HighE Series
Strap Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com