Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS50K275P Datasheet(PDF) 3 Page - EPCOS

Part # LS50K275P
Description  Strap Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS50K275P Datasheet(HTML) 3 Page - EPCOS

  LS50K275P Datasheet HTML 1Page - EPCOS LS50K275P Datasheet HTML 2Page - EPCOS LS50K275P Datasheet HTML 3Page - EPCOS LS50K275P Datasheet HTML 4Page - EPCOS LS50K275P Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
233 04/02
Varistor elements without coating (suitable for soldering) are available upon request.
Designation:
SIOV-D50K … K6
Characteristics (TA = 25 °C)
Types
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamp. voltage Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
LS50K130P / LS50K130PK2
205
± 10
340
500
10500
262
284
LS50K150P / LS50K150PK2
240
± 10
395
500
9500
262
284
LS50K230P / LS50K230PK2
360
± 10
595
500
6000
262
284
LS50K250P / LS50K250PK2
390
± 10
650
500
5600
262
284
LS50K275P / LS50K275PK2
430
± 10
710
500
5500
262
284
LS50K320P / LS50K320PK2
510
± 10
840
500
4300
262
284
LS50K385P / LS50K385PK2
620
± 10
1025
500
3500
262
284
LS50K420P / LS50K420PK2
680
± 10
1120
500
3300
262
284
LS50K440P / LS50K440PK2
715
± 10
1180
500
3000
262
284
LS50K460P / LS50K460PK2
750
± 10
1240
500
2900
262
284
LS50K550P / LS50K550PK2
910
± 10
1500
500
2400
262
284
HighE Series
Strap Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com