Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST131 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SST131
Description  Series 1A TRIACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST131 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SST131 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Data Sheet N2158, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST131 Series
Marking Diagram
Mechanical Dimensions TO-92
SYMBO
L
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.45
-
5.20
0.175
-
0.205
B
4.32
-
5.33
0.170
-
0.210
C
3.18
-
4.19
0.125
-
0.165
D
0.407
-
0.533 0.016
-
0.021
E
0.60
-
0.80
0.024
-
0.031
F
-
1.1
-
-
0.043
-
G
-
1.27
-
-
0.050
-
H
-
2.30
-
-
0.091
-
J
0.36
-
0.50
0.014
-
0.020
K
12.70
-
15.0
0.500
-
0.591
N
2.04
-
2.66
0.080
-
0.105
P
1.86
-
2.06
0.073
-
0.081
V
-
-
4.3
-
-
0.169
Mechanical Dimensions SOT-223
SYMBO
L
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.5
1.6
1.8
0.059 0.063 0.071
A1
0.01
0.06
0.10
0.001 0.002 0.004
B
2.9
3.0
3.1
0.114 0.118 0.122
B1
0.6
0.7
0.8
0.024 0.028 0.031
C
0.22
0.26
0.32
0.009 0.010 0.013
D
6.3
6.5
6.7
0.248 0.256 0.264
E
3.3
3.5
3.7
0.130 0.138 0.146
F
4.6
0.181
F1
2.3
0.091
G
0.7
0.9
1.1
0.028 0.035 0.043
H
1.50
1.5
2.0
0.059 0.069 0.079
J
6.7
7.0
7.3
0.264 0.276 0.287
K
0.8
0.9
1.0
0.031 0.035 0.039
Where XXXXX is YYWWL
SST131U/V-600D = Part name
YY
= Year
WW
= Week
L
= Lot Number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com