Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST131 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SST131
Description  Series 1A TRIACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST131 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SST131 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N2158, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST131 Series
SST131 Series 1A TRIACs
Circuit Diagram
Description
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
Tstg
-
-40 - 150
℃
Operating junction temperature range
Tj
-
-40 - 125
℃
Repetitive peak off-state voltage (Tj=25℃)
VDRM
-
600/800
V
Repetitive peak reverse voltage (Tj=25℃)
VRRM
-
600/800
V
Non repetitive surge peak off-state voltage
VDSM
-
VDRM+100
V
Non repetitive peak reverse voltage
VRSM
-
VRRM+100
V
RMS on-state current
I(TRMS)
TO-92(TC=50℃)
SOT-223(TC=70℃)
1
A
Non repetitive surge peak on-state current
(full cycle, F=50Hz)
ITSM
-
16
A
I2t value for fusing (tp=10ms)
I2t
-
1.28
A2s
Critical rate of rise of on-state current
(IG =2×IGT)
dI/dt
-
20
A/us
Peak gate current
IGM
-
2
A
Average gate power dissipation
PGM
-
0.5
W
Peak gate power
PG(AV)
-
5
W
With low holding and latching current, SST131 series triacs are especially recommended for use on middle and small
resistance type power load.
TO-92
SOT-223


Similar Part No. - SST131

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SST130U-600D SMCDIODE-SST130U-600D Datasheet
214Kb / 5P
0.8A TRIACs
Rev.A
logo
CIT Relay & Switch
SST134 CIT-SST134 Datasheet
152Kb / 2P
CIT SWITCH
logo
SMC Diode Solutions Co....
SST136C-600E SMCDIODE-SST136C-600E Datasheet
265Kb / 5P
4A TRIACs
Rev.-
SST136C-600E/F SMCDIODE-SST136C-600E/F Datasheet
265Kb / 5P
4A TRIACs
Rev.-
SST136K-600D/E SMCDIODE-SST136K-600D/E Datasheet
265Kb / 5P
4A TRIACs
Rev.-
More results

Similar Description - SST131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
logo
JIEJIE MICROELECTRONICS...
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
1A TRIACs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
1A TRIACS
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
Standard TRIACs, 1A
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
Standard 1A Triacs
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
1A TRIACs
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
1A 500V/600V BIDIRECTIONAL TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com