Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST131 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SST131
Description  Series 1A TRIACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST131 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SST131 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SST131 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N2158, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST131 Series
Symbol
Test Condition
Quadrant
Value
Unit
T
D
IGT
VD=12V RL=33Ω
Ⅰ
-Ⅱ-Ⅲ
MAX
5
5
mA
Ⅳ
5
10
VGT
ALL
MAX
1.3
V
VGD
VD=VDRM Tj=125℃ RL=3.3KΩ
ALL
MIN
0.2
V
IL
IG=1.2IGT
Ⅰ
-Ⅲ
MAX
5
5
mA
Ⅱ
-Ⅳ
10
20
IH
IT=200mA
MAX
5
7
mA
dV/dt
VD=2/3VDRM Gate Open Tj=125℃
MIN
15
50
V/μs
Electrical Characteristics(Tj=25℃ unless otherwise specified)
Static Characteristics
Symbol
Condition
Max.
Units
VTM
IT=1.4A tp=380μs,Tj=25℃
1.5
V
IDRM
VD=VDRM VR=VRRM, Tj=25℃
5
μA
IRRM
VD=VDRM VR=VRRM, Tj=125℃
500
μA
Thermal Resistances
Symbol
Condition
Value
Units
Rth(j-c)
Junction to case(AC)
TO-92
60
℃
/W
SOT-223
31
Ordering Information
Device
Package
Shipping
SST131U-600D/SST131U-800D
TO-92
1000pcs/ bag
SST131V-600D/SST131V-800D
SOT-223
4000pcs/ reel
SST131V-600DTR/SST131V-800DTR
SOT-223
4000pcs/ reel
S ST 131 U -600 D
SMC Diode Solutions
Triacs
D:IGT1-3 ≤ 5mA IGT4 ≤ 10mA
600:VDRM/VRRM ≥ 600V
800:VDRM/VRRM ≥ 800V
IT(RMS):1A
U:TO-92
V:SOT-223



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com