Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SPIV2/D Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # S12SPIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SPIV2/D Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button S12SPIV2/D Datasheet HTML 19Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 20Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 21Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 22Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 23Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 24Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 25Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 26Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Figure 1-2 MC9S12H128 Block Diagram
EXTAL
XTAL
BKGD
XIRQ
Periodic Interrupt
COP Watchdog
Clock Monitor
Single-wire Background
Debug Module
Breakpoints
PLL
XFC
IRQ
ECLK
PA4
PA3
PA2
PA1
PA0
PA7
PA6
PA5
TEST
PB4
PB0
PB7
PB6
FP4
FP3
FP2
FP1
FP0
FP7
FP6
PE4
PE5
PE6
PE0
PE1
IOC2
IOC6
IOC0
IOC7
IOC1
IOC3
IOC4
IOC5
RXD0
TXD0
SDI/MISO
SDO/MOSI
PS4
PS5
PS0
PS1
Pulse
Width
Modulator
PW2
PW0
PW1
PW3
PW4
PW5
PP3
PP4
PP5
PP0
PP1
PP2
PK3
PK7
PK0
PK1
SCK
SS
PS6
PS7
SPI
RXCAN0
TXCAN0
PM2
PM3
CAN1
RXCAN1
TXCAN1
PM4
PM5
PK2
FP12
FP11
FP10
FP9
FP8
FP15
FP14
BP0
BP1
BP2
BP3
FP23
PL3
PL2
PL1
PL0
FP19
FP18
FP17
FP16
PE7
PE3
PE2
FP22
FP21
FP20
VLCD
VLCD
M0C0M
M0C0P
PU3
PU4
PU5
PU6
PU7
PU0
PU1
PWM0
M0C1M
M0C1P
PWM1
MOTOR0
M1C0M
M1C0P
PWM2
M1C1M
M1C1P
PWM3
MOTOR1
LCD
SCI0
CAN0
MODB
MODA
Integration
Module
RESET
VDDPLL
VSSPLL
CPU12
Clock and
Reset
Generation
Module
FP13
PB5
PB3
PB2
PB1
FP5
PIX0
PIX1
PIX2
PIX3
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
PT0
PT1
PT2
PT3
PT4
PT5
PT6
PT7
FP24
FP25
FP26
FP27
PU2
M2C0M
M2C0P
PV3
PV4
PV5
PV6
PV7
PV0
PV1
PWM4
M2C1M
M2C1P
PWM5
MOTOR2
M3C0M
M3C0P
PWM6
M3C1M
M3C1P
PWM7
MOTOR3
PV2
M4C0M
M4C0P
PW3
PW4
PW5
PW6
PW7
PW0
PW1
PWM8
M4C1M
M4C1P
PWM9
MOTOR4
M5C0M
M5C0P
PWM10
M5C1M
M5C1P
PWM11
MOTOR5
PW2
AN02
AN06
AN00
AN07
AN01
AN03
AN04
AN05
PAD03
PAD04
PAD05
PAD06
PAD07
PAD00
PAD01
PAD02
VRH
VRL
AN08
VDDA
VSSA
Analog to
Digital
Converter
VRH
VRL
VDDA
VSSA
128k Bytes Flash EEPROM
2k Bytes EEPROM
6K Bytes RAM
DATA15
MOTOR0 and MOTOR1 Supply
VDDM1
VSSM1
MOTOR2 and MOTOR3 Supply
VDDM2
VSSM2
MOTOR4 and MOTOR5 Supply
VDDM3
VSSM3
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Multiplexed
Wide
Bus
Multiplexed
Narrow
Bus
ECS/ROMONE
XADDR14
XADDR15
XADDR16
XADDR17
NOACC/XCLKS
LSTRB/TAGLO
R/W
VDDR
VDD1
VSS1,VSS2
Voltage Regulator
Input Capture and
Output Compare
Timer
SDA
SCL
PM0
PM1
IIC
VDDX1,2
VSSX1,2
VSSPLL
PLL 2.5V
I/O Driver 5V
A/D Converter 5V &
VDDPLL
VDD1
VSS1,2
Internal Logic 2.5V
VDDA
VSSA
VDDR
VREG Input 5V
Supply pins
Driver
NOTE: Not all
functionality shown
in this block
diagram is
available in all
packages!
Voltage Regulator
Reference
(ATD)
(PWM)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com