Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SPIV2/D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # S12SPIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SPIV2/D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  S12SPIV2/D Datasheet HTML 1Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 2Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 3Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 4Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 5Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 6Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 7Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 8Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
Motorola reserves the right to make changes without further notice to any products herein to improve reliability, function or
design. Motorola does not assume any liability arising out of the application or use of any product or circuit described herein;
neither does it convey any license under its patent
Motorola products are not designed, intended,
or authorized for use as components in systems
into the body, or other applications intended to
support or sustain life, or for any other application
Motorola product could create a situation where
personal injury or death may occur. Should Buyer
products for any such unintended or unauthorized
application, Buyer shall indemnify and hold Motorola
subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses,
arising out of, directly or indirectly, any claim of
personal injury or death associated with such
even if such claim alleges that Motorola was
negligent regarding the design or manufacture of the part.
DOCUMENT NUMBER
9S12H256BDGV1/D
Revision History
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
V01.00
07 MAR
2001
03 APR
2001
Initial version.
V01.01
10 MAI
2001
10 MAY
2001
- Minor formal corrections
- Changed ATD coupling ratio to10-2
- Changed VDD5 to 4.5V
V01.02
14 MAY
2001
14 MAY
2001
- Removed 112-pin package references
- Changed ATD Electrical Characteristics separate coupling ratio for
positive and negative bulk current injection
V01.03
30 MAY
2001
30 MAY
2001
- Reinserted 112-pin package information.
V01.04
11 JUN
2001
11 JUN
2001
- Removed SRSv2 comment from preface
- Corrected RESET pin to active low in table 2-1
V01.05
18 JUN
2001
18 JUN
2001
- Adapted style and wording to 9DP256 device user guide
- Minor format and wording improvements
- Added SRAM data retention disclaimer
V01.06
28 JUN
2001
28 JUN
2001
- Changed Oscillator Characteristics tCQOUT max 2.5s and replaced
Clock Monitor Time-out by Clock Monitor Failure Assert Frequency
- Changed Self Clock Mode Frequency min 1MHz and max 5.5MHz
- Changed IDDPS (RTI and COP disabled) to 400µA
- Corrected typo in Figure 2-1 pin 76: PK3 -> PK2
V01.07
12 JUL
2001
12 JUL
2001
- Added tEXTR and tEXTF to Oscillator Characteristics
- Added typ value for tUPOSC
- Corrected tEXTL and tEXTH values
- Updated thermal resistances as per Thermal Simulation Report,
July 10, 2001
V01.08
16 JUL
2001
16 JUL
2001
- updated EEPROM size
- added DC cutoff capacitor into layout proposals
V01.09
03 AUG
2001
03 AUG
2001
- minor updates
V01.10
29 AUG
2001
29 AUG
2001
- updated electrical spec
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com