Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SPIV2/D Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # S12SPIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SPIV2/D Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button S12SPIV2/D Datasheet HTML 60Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 61Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 62Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 63Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 64Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 65Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 66Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 67Page - Freescale Semiconductor, Inc S12SPIV2/D Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3.30 PP[5:2] / PWM[5:2] — Port P I/O Pins [5:2]
PP5-PP2 are general purpose input or output pins. They can be configured as Pulse Width Modulator
(PWM) channel outputs PWM5-PWM2.
NOTE:
These pins are not available in the 112-pin LQFP version.
2.3.31 PP[1:0] / PWM[1:0] — Port P I/O Pins [1:0]
PP1-PP0 are general purpose input or output pins. They can be configured as Pulse Width Modulator
(PWM) channel outputs PWM1-PWM0.
2.3.32 PS7 / SS — Port S I/O Pin 7
PS7 is a general purpose input or output pin. It can be configured as slave select pin SS of the Serial
Peripheral Interface (SPI).
2.3.33 PS6 / SCK — Port S I/O Pin 6
PS6 is a general purpose input or output pin. It can be configured as serial clock pin SCK of the Serial
Peripheral Interface (SPI).
2.3.34 PS5 / MOSI — Port S I/O Pin 5
PS5 is a general purpose input or output pin. It can be configured as the master output (during master
mode) or slave input (during slave mode) pin MOSI of the Serial Peripheral Interface (SPI).
2.3.35 PS4 / MISO — Port S I/O Pin 4
PS4 is a general purpose input or output pin. It can be configured as master input (during master mode) or
slave output (during slave mode) pin MISO for the Serial Peripheral Interface (SPI).
2.3.36 PS3 / TXD1 — Port S I/O Pin 3
PS3 is a general purpose input or output pin. It can be configured as transmit pin TXD1 of the Serial
Communication Interface 1 (SCI1).
NOTE:
This pin is not available in the 112-pin LQFP version.
2.3.37 PS2 / RXD1 — Port S I/O Pin 2
PS2 is a general purpose input or output pin. It can be configured as receive pin RXD1 of the Serial
Communication Interface 1 (SCI1).
NOTE:
This pin is not available in the 112-pin LQFP version.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com