Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN-R42TC-EXTN-R42TC-EX Datasheet(PDF) 1 Page - Turck, Inc.

Part # TN-R42TC-EXTN-R42TC-EX
Description  HF Read/Write Head – For Explosion Hazardous Areas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TN-R42TC-EXTN-R42TC-EX Datasheet(HTML) 1 Page - Turck, Inc.

  TN-R42TC-EXTN-R42TC-EX Datasheet HTML 1Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 2Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 3Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 4Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|5
TN-R42TC-EX
HF Read/Write Head – For Explosion Hazardous Areas
Technical data
Type
TN-R42TC-EX
ID
100020166
Remark to product
The device must be mounted, grounded,
connected and commissioned in
accordance with the standards
applicable at the place of commissioning.
EN60079-14 is to be used in the
European Union. Examples of mounting
and grounding materials to be used
include: OBO Bettermann grounding
bolt type 950OBO Bettermann band
grounding clamp for EX zone 1/21, 2/22
Approvals
CE
UKCA
ATEX
Radio approvals (HF)
EU/RED: Europe
UK SI 2017/1206: United Kingdom
FCC: USA
IC: Canada
Device marking
EX II 2G Ex eb mb IIC T6 Gb
EX II 2D Ex tb IIIC T80 °C Db
Electrical data
 
Operating voltage
21.6…26.4  VDC
DC rated operational current
≤ 70 mA
Data transfer
Inductive coupling
Technology
HF RFID
Operating frequency
13.56 MHz
Radio communication and protocol
standards
ISO 15693
NFC Typ 5
Output function
4-wire, Read/Write
Features
■Smooth barrel
■Ex e terminal chamber with tension springs
■Stainless steel housing V2A
■Front cap made of liquid crystal polymer
■Laser engraved label, permanently legible
■Powered and operated only via connection
to BL ident interface module
■M12 × 1 connector, connection only via BL
ident extension cable
■ATEX category II 2 G, Ex Zone 1
■ATEX category II 2 D, Ex Zone 21
Connector …/S2500
Functional principle
The HF read/write heads operating at a
frequency of 13.56 MHz, form a transmission
zone the size of which (0…500 mm) varies,
depending on the combination of read/write
head and tag used.
The read/write distances mentioned here only
represent standard values measured under
laboratory conditions, free from any influences
caused by surrounding materials.
The read/write distances of the tags for
mounting in metal TW‐R**‐M(MF) were
determined in metal.
Attainable distances may vary by up to 30
% due to component tolerances, mounting
conditions, ambient conditions and material
qualities (especially when mounted in metal)


Similar Part No. - TN-R42TC-EXTN-R42TC-EX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TN-040040-25-9 MACOM-TN-040040-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TN-064064-25-9 MACOM-TN-064064-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TN-080080-10-9 MACOM-TN-080080-10-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TN-089047-10-9 MACOM-TN-089047-10-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TN-095080-25-9 MACOM-TN-095080-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - TN-R42TC-EXTN-R42TC-EX

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IPH-FP-C1D1 PF-IPH-FP-C1D1 Datasheet
805Kb / 4P
Read/write head for hazardous areas
IUH-F190-FR2-02-20M-C1D1 PF-IUH-F190-FR2-02-20M-C1D1 Datasheet
982Kb / 3P
Read/write head for hazardous areas
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-06 PF-IUH-F190-V1-FR1-06 Datasheet
884Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
Read/write head
IQH1-FP-C1D1 PF-IQH1-FP-C1D1 Datasheet
774Kb / 3P
Read/write head for hazardous areas
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com