Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN-R42TC-EXTN-R42TC-EX Datasheet(PDF) 5 Page - Turck, Inc.

Part # TN-R42TC-EXTN-R42TC-EX
Description  HF Read/Write Head – For Explosion Hazardous Areas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TN-R42TC-EXTN-R42TC-EX Datasheet(HTML) 5 Page - Turck, Inc.

  TN-R42TC-EXTN-R42TC-EX Datasheet HTML 1Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 2Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 3Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 4Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
5|5
Operating instructions
Intended use
The EC-type examination certificate and the operating
instructions included in the delivery have to be read before
commissioning and the included notes must be observed on all
accounts.
For use in explosion hazardous areas conform to classification
II 2 G (Group II, Category 2 G, electrical equipment for gaseous
atmospheres).
II 2 D (Group II, Category 2 D, electrical equipment for dust
atmospheres).
Marking (see device or technical data sheet)
É
II 2G Ex eb mb IIC T6 Gb acc. to EN60079-0:2018 and
EN60079-7:2015 + A1:2018 and EN60079-18:2015/A1:2017
and EN60079-31:2014
É
II 2D Ex tb IIIC T80°C Db as per EN60079-0:2018 and
EN60079-7:2015 + A1:2018 and EN60079-18:2015/A1:2017
and EN60079-31:2014
Installation/Commissioning
These devices may only be installed, connected and operated
by trained and qualified staff. Qualified staff must have
knowledge of protection classes, directives and regulations
concerning electrical equipment designed for use in explosion
hazardous areas and if necessary, of the regulations applicable
to safety-related systems.Please verify that the classification
and the marking on the device comply with the actual application
conditions.
Comments
The use of Turck RFID extension cables (…/S2500) with
a length of up to 200 m to the RFID read/write head TN-
R42TC-EX connection to Turck fieldbus components (product
series BL20, BL67, TBEN-…) is possible under the following
prerequisite.- A sufficiently dimensioned power supply with
a stabilized output voltage of 24 VDC is used.- The voltage
drop on the cable is taken into account in such a manner
that the operating voltage range of the read/write head (10…
30 VDC) is not fallen short of at a current consumption of
approx. 75 mA (DC resistance cable loop: 116 Ω/km).- Installing
the cable taking into account avoiding interference (e.g.
separate installation of the RFID cable of supply cables of
motors; frequency converters etc.) and generally avoiding EMC
influence (see also installation handbook HF, d101582).- In
the explosion-hazardous area, the requirements with regard
to the EN 60079-14 standard are observed. The suitability of
all components for the customer-specific application must be
checked using tests



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com