Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN-R42TC-EXTN-R42TC-EX Datasheet(PDF) 3 Page - Turck, Inc.

Part # TN-R42TC-EXTN-R42TC-EX
Description  HF Read/Write Head – For Explosion Hazardous Areas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TN-R42TC-EXTN-R42TC-EX Datasheet(HTML) 3 Page - Turck, Inc.

  TN-R42TC-EXTN-R42TC-EX Datasheet HTML 1Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 2Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 3Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 4Page - Turck, Inc. TN-R42TC-EXTN-R42TC-EX Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
3|5
 
LED
Color
Status
Meaning
 1
OFF
OFF
Operating voltage switched off
GREEN
ON
Operating voltage switched on
GREEN
FLASHING
(1 Hz)
HF field switched off
GREEN
FLASHING
(2 Hz)
Tag in detection range



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com