Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7101 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PAC7101
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7101 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PAC7101 Datasheet HTML 17Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 18Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 19Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 20Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 21Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 22Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 23Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 24Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
21
3.9.1
Read and Write Bus Cycles
Table 25 lists processor bus output timings. Read/write bus timings listed in Table 25 are shown in
Figure 7 and Figure 8.
Table 25. External Bus Output Timing Specifications 1
NOTES:
1. Assumes CLKOUT, CSn, BSn, OE, AS, ADDR[21:0] and DATA[15:0] are configured for full drive strength (via the PIM).
Num
C
Rating
Symbol
Min
Max
Unit
Control Outputs
M6a
P CLKOUT high 2 to chip selects (CS[2:0]) valid
2. The CSn, BSn, OE and AS signals are synchronous to the falling edge of CLKOUT. Therefore, changes on these
signals are triggered by the falling edge of CLKOUT, even though they are specified in relation to the rising edge.
tCHCV
—0.5tCYC + 10
ns
M6b
P CLKOUT high 2 to byte selects (BS[1:0]) valid
tCHBV
—0.5tCYC + 10
ns
M6c
P CLKOUT high 2 to output select (OE) valid
tCHOV
—0.5tCYC + 10
ns
M6d
P CLKOUT high 2 to address strobe (AS) valid
tCHASV
—0.5tCYC + 10
ns
M7a
P CLKOUT high 2 to control output (BS[1:0], OE) invalid
tCHCOI
0.5tCYC + 2
ns
M7b
P CLKOUT high 2 to chip selects (CS[2:0]) invalid
tCHCI
0.5tCYC + 2
ns
M7c
P CLKOUT high 2 to address strobe (AS) invalid
tCHASI
0.5tCYC + 2
ns
Address and Attribute Outputs
M8
P CLKOUT high to address (ADDR[21:0]) and control
(R/W) valid
tCHAV
—10
ns
M9
P CLKOUT high to address (ADDR[21:0]) and control
(R/W) invalid
tCHAI
2—
ns
Data Outputs
M10
P CLKOUT high to data output (DATA[15:0]) valid
tCHDOV
—13
ns
M11
P CLKOUT high to data output (DATA[15:0]) invalid
tCHDOI
2—
ns
M12
D CLKOUT high to data output (DATA[15:0]) high impedance
tCHDOZ
—9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com