Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7101 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PAC7101
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7101 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PAC7101 Datasheet HTML 13Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 14Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 15Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 16Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 17Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 18Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 19Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 20Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
17
The capacitance CP should be chosen in the range of:
Eqn. 14
The stabilization delays shown in Table 20 are dependant on PLL operational settings and external
component selection (for example, the crystal and XFC filter).
3.8.2.1
Jitter Information
With each transition of the clock fCMP, the deviation from the reference clock fREF is measured and input
voltage to the VCO is adjusted accordingly. The adjustment is done continuously with no abrupt changes
in the clock output frequency. Noise, voltage, temperature and other factors cause slight variations in the
control loop resulting in a clock jitter. This jitter affects the real minimum and maximum clock periods as
illustrated in Figure 4. It is important to note that the pre-scaler used by timers and serial modules will
eliminate the effect of PLL jitter to a large extent.
Figure 4. Jitter Definitions
The relative deviation of tNOM is at its maximum for one clock period, and decreases towards zero for
larger number of clock periods (N). Thus, jitter is defined as:
Eqn. 15
For N
< 100, the following equation is a good fit for the maximum jitter:
Eqn. 16
Figure 5. Maximum Bus Clock Jitter Approximation
C
S
20
÷
C
P
C
S
10
÷
≤≤
0
tMIN1
12
3
N–1
N
tNOM
tMAX1
tMIN(N)
tMAX(N)
JN
()
max 1
t
MAX N
()
Nt
NOM
⋅
--------------------
–1
t
MIN N
()
Nt
NOM
⋅
--------------------
–
,
⎝⎠
⎛⎞
=
JN
()
j
1
N
--------
j
2
+
=
01
5
10
20
15
N
J(N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com