Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7101 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PAC7101
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7101 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 11Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 13Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 14Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
11
3.7
Power Supply
The MAC71xx Family utilizes several pins to supply power to the oscillator, PLL, digital core, I/O ports
and ATD. In the context of this section, VDD5 is used for VDDA, VDDR or VDDX; VSS5 is used for VSSA,
VSSR or VSSX unless otherwise noted. IDD5 denotes the sum of the currents flowing into the VDDA,
VDDX, and VDDR. VDD is used for VDD2.5, and VDDPLL, VSS is used for VSS2.5 and VSSPLL. IDD is
used for the sum of the currents flowing into VDD2.5 and VDDPLL.
3.7.1
Current Injection
The power supply must maintain regulation within the VDD5 or VDD2.5 operating range during
instantaneous and operating maximum current conditions. If positive injection current (Vin > VDD5) is
greater than IDD5, the injection current may flow out of VDD5 and could result in the external power supply
going out of regulation. It is important to ensure that the external VDD5 load will shunt current greater than
the maximum injection current. The greatest risk will be when the MCU is consuming very little power
(for example, if no system clock is present, or if the clock rate is very low).
3.7.2
Power Supply Pins
The VDDR – VSSR pair supplies the internal voltage regulator. The VDDA – VSSA pair supplies the A/D
converter and the reference circuit of the internal voltage regulator. The VDDX – VSSX pair supplies the
I/O pins. VDDPLL – VSSPLL pair supplies the oscillator and PLL.
All VDDX pins are internally connected by metal. All VSSX pins are internally connected by metal. All
VSS2.5 pins are internally connected by metal. VDDA, VDDX and VDDR as well as VSSA, VSSX and VSSR
are connected by anti-parallel diodes for ESD protection.
3.7.3
Supply Current Characteristics
Table 15 and Table 16 list supply current characteristics for MAC71x1 and MAC71x6 devices at 40 MHz
and 50 MHz operation, respectively. Characteristics for MAC71x2 devices are to be determined (TBD).
All current measurements are without output loads. Unless otherwise noted the currents are measured in
single chip mode, internal voltage regulator enabled at the specified system frequency, using a 4 MHz
oscillator in low power mode. Production testing is performed using a square wave signal at the EXTAL
input. In expanded modes, the currents are highly dependent on the load and duty cycle on the address,
data and control signals, thus no general numbers can be given. A good estimate is to take the single chip
currents and add the currents due to the external loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com