Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Function
Option
When OTP_SW1_UV_PGOODx = 1
an under-voltage event on SW1 causes PGOODx to be
asserted.
When OTP_SW2_OV_PGOODx = 1
an over-voltage event on SW2 causes PGOODx to be
asserted.
When OTP_SW2_UV_PGOODx = 1
an under-voltage event on SW2 causes PGOODx to be
asserted.
When OTP_VMON1_OV_PGOODx = 1
an over-voltage event on VMON1 causes PGOODx to be
asserted.
When OTP_VMON1_UV_PGOODx = 1
an under-voltage event on VMON1 causes PGOODx to be
asserted.
When OTP_VMON2_OV_PGOODx = 1
an over-voltage event on VMON2 causes PGOODx to be
asserted.
When OTP_VMON2_UV_PGOODx = 1
an under-voltage event on VMON2 causes PGOODx to be
asserted.
When OTP_VMON3_OV_PGOODx = 1
an over-voltage event on VMON3 causes PGOODx to be
asserted.
When OTP_VMON3_UV_PGOODx = 1
an under-voltage event on VMON3 causes PGOODx to be
asserted.
When OTP_VMON4_OV_PGOODx = 1
an over-voltage event on VMON4 causes PGOODx to be
asserted.
When OTP_VMON4_UV_PGOODx = 1
an under-voltage event on VMON4 causes PGOODx to be
asserted
When OTP_FCCU_ERR_PGOODx = 1
an FCCU error (FCCU1, FCCU2, or FCCU12) causes
PGOODx to be pulsed low for 8 ms.
Table 45. PGOOD1/2 programmable reactions...continued
When any of the OTP bits listed above is set to 0, a corresponding fault on the regulator/monitor has no impact
on the PGOODx pin.
The delay for conditions to be satisfied and PGOODx being released is programmable using the
OTP_PGOODx_DELAY[2:0] bits. See Table 31 for details.
After PGOODx is de-asserted and there is an OV or UV fault, the fault is de-bounced and PGOODx is asserted.
17.6.1 Watchdog impact on PGOOD1/2
When OTP_WD_PGOODx = 1, a watchdog failure causes the PGOODx pin to toggle low for 10 ms. The
watchdog is stopped when PGOODx is low and is reset at the end of the 10 ms.
The FLT_ERR_CNT is incremented by 1 for every PGOODx toggle due to a watchdog failure.
During the initial 1024 ms window, a single watchdog error (bad refresh or no refresh for 1024ms) is considered
a Watchdog failure and the assigned PGOODx pin is toggled.
After the initial 1024 ms window, a 'watchdog failure' when WD_ERR_CNT >= WD_ERR_LIMIT.
Example behavior: Suppose OTP_WD_PGOODx = 1; if a watchdog error occurs during the 1024 ms initial
period, PGOODx pin is toggled, the FLT_ERR_CNT incremented, and the watchdog restarted. This allows the
system MCU to reset and try refreshing the watchdog again. If the MCU fails continuously, the FLT_ERR_CNT
reaches its limit and the FS5600 may transition to the deep fail-safe state (if enabled) to prevent a continuous
fault loop. While in the NORMAL STATE, if a watchdog failure occurs (watchdog error count reaches limit),
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
53 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com