Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 83Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 84Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 85Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 86Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 87Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
4b'0001 — Counter Value = 1.
4b'0010 — Counter Value = 2.
4b'0011 — Counter Value = 3.
4b'0100 — Counter Value = 4.
4b'0101 — Counter Value = 5.
4b'0110 — Counter Value = 6.
4b'0111 — Counter Value = 7.
4b'1000 — Counter Value = 8.
4b'1001 — Counter Value = 9.
4b'1010 — Counter Value = 10.
4b'1011 — Counter Value = 11.
4b'1100 — Counter Value = 12.
4b'1101 — Counter Value = 13.
4b'1110 — Counter Value = 14.
4b'1111 — Counter Value = 15.
Reset Condition — POR
1 to 0
FLT_ERR_CNT_LIMIT[1:0]
Fault error counter limit.
Applied only when FLT_ERR_CNT_LIMIT[1:0] = NOT(NOT_FLT_
ERR_CNT_LIMIT[1:0]).
2b'00 — Max value is 1.
2b'01 — Max value is 2.
2b'10 — Max value is 6.
2b'11 — Max value is 12.
Reset Condition — POR
Table 74. FAULT_CTRL register description...continued
18.1.20 NOT_FAULT_CTRL register
Bit
Symbol
Description
6
NOT_CLR_FLT_ERR_CNT
Clear fault error counter (NOT bit).
1b'0 — See CLR_FLT_ERR_CNT in FAULT_CTRL register.
1b'1 — See CLR_FLT_ERR_CNT in FAULT_CTRL register.
Reset Condition — POR
1 to 0
NOT_FLT_ERR_CNT_LIMIT[1:0] Fault error counter limit.
2b'00 — See FLT_ERR_CNT_LIMIT[1:0] in FAULT_CTRL register.
2b'01 — See FLT_ERR_CNT_LIMIT[1:0] in FAULT_CTRL register.
2b'10 — See FLT_ERR_CNT_LIMIT[1:0] in FAULT_CTRL register.
2b'11 — See FLT_ERR_CNT_LIMIT[1:0] in FAULT_CTRL register.
Reset Condition — POR
Table 75. NOT_FAULT_CTRL register description
18.1.21 VMON_STS register
Bit
Symbol
Description
14
SW2_ILIM_I
SW2 current limit fault.
1b'0 — No overcurrent.
1b'1 — Current limit detected.
Table 76. VMON_STS register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
84 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com