Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
The OTP_PGOOD1_DELAY[2:0] and OTP_PGOOD2_DELAY[2:0] timers run in parallel to the GPO timers and
do not need to expire to exit the power-up state. PGOOD1 and PGOOD2 may be released high even in the
INIT_RUN state.
17.13.4 Power-up in Debug mode
The FS5600 offers a Debug mode of operation that is useful during system bring up and/or development. When
in Debug mode, the following restrictions are in place:
• deep fail-safe transition is disabled
• Watchdog window duration is set to infinite
To power up in Debug Mode, apply VDDOTP_GPIO1 = 8 V before EN1 or EN2 go high or before VIN is applied.
In this condition, the FS5600 pauses power-up and waits for VDDOTP_GPIO1 < 1 V before continuing to power
up in Debug Mode. Ensure that there is board-level isolation on the VDDOTP_GPIO1 bus if the GPIO1 function
is used at a lower voltage level.
While VDDOTP_GPIO1 is maintained at 8 V, the following I2C commands can be sent to open access to the
OTP mirror registers:
SET_REG:FS5600:Functional:TM_ENTRY:0xD5A7
SET_REG:FS5600:Functional:TM_ENTRY:0xB8EE
SET_REG:FS5600:Functional:TM_ENTRY:0x0F37
The mirror registers modified in this fashion take effect during power-up when VDDOTP_GPIO < 1 V. Contact
your NXP representative for commands needed to access the mirror registers.
17.13.5 INIT_RUN
The INIT_RUN state is entered after the power-up state. Either or both SW1 and SW2 may be enabled to enter
the INIT_RUN state. The state machine can remain in the INIT_RUN state indefinitely. In this state, the state
machine waits for conditions to transition to the normal state if enabled to do so. Alternatively, the state machine
may proceed to power down to the deep fail-safe state if conditions enabling this are met.
INIT_RUN state may also be entered from the normal state by setting the GOTO_INIT_RUN and clearing the
NOT_GOTO_INIT_RUN bits.
17.13.6 Normal state
In the normal state, the FS0B pin is de-asserted to indicate to the system that essential parameters monitored
by the FS5600 are in expected range. The normal state is entered from the INIT_RUN state, provided
conditions for this transition are met. OTP_NORMAL_STATE_EN bit should be set to 1 to enable transition to
the normal state.
OTP_ERRMON1_SAFE = 1 is an enabling condition for a valid ERRMON1 signal to control transition to the
normal state. OTP_ERRMON2_SAFE = 1 is an enabling condition for a valid ERRMON2 signal to control
transition to the normal state. OTP_PGOOD1_SAFE = 1 is an enabling condition for a valid PGOOD1 output to
control transition to the normal state. OTP_PGOOD2_SAFE = 1 is an enabling condition for a valid PGOOD2
output to control transition to the normal state.
See Section 17.13.10 for conditions to transition to the normal state.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
61 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com