Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLPSF Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # GLPSF
Description  Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLPSF Datasheet(HTML) 2 Page - PCTEL, Inc.

  GLPSF Datasheet HTML 1Page - PCTEL, Inc. GLPSF Datasheet HTML 2Page - PCTEL, Inc. GLPSF Datasheet HTML 3Page - PCTEL, Inc. GLPSF Datasheet HTML 4Page - PCTEL, Inc. GLPSF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Trooper™ Max
Combination Antenna - 5G Cellular, Wi-Fi, GNSS with LMR Option
Trooper™ Max
Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR
Option
The Trooper™ Max antenna platform supports the high speed requirements of complex RF
communication systems used for Intelligent Transportation Systems (ITS), including Public Safety
fleets. Its compact sharkfin form factor makes this antenna ideal for installation on surfaces
with limited space including the new police utility vehicles and fire trucks with ridged rooftops.
These antennas feature two 5G elements compatible with the world’s leading cellular routers
supporting 600 MHz to 6 GHz frequencies. The platform also incorporates two additional
tri-band WiFi antennas, as well as the option to add a UHF or a TETRA whip, for LMR band
coverage. PCTEL’s proprietary high-rejection multi GNSS technology is included for high
precision tracking and asset management.
Features
• No tune, multi-band coverage: 5G cellular, 802.11ax WiFi 6E, optional UHF or TETRA whip, and GPS L1/GLONASS/
Galileo/Beidou constellations
• Metal 5/8" (22.9 mm or 0.9") long stud mount provides single cable exit for installation ease
• IP67 compliant design provides maximum protection against water or dust ingress under severe environmental
conditions*
• Rugged, aerodynamic, and UV resistant black radome for demanding aesthetic requirements
Certifications
1
If installed according to PCTEL’s installation instructions
2
SPECIFICATIONS
> pctel.com/antenna-products
> pctel.com/antenna-products



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com