Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLPSF Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # GLPSF
Description  Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLPSF Datasheet(HTML) 3 Page - PCTEL, Inc.

  GLPSF Datasheet HTML 1Page - PCTEL, Inc. GLPSF Datasheet HTML 2Page - PCTEL, Inc. GLPSF Datasheet HTML 3Page - PCTEL, Inc. GLPSF Datasheet HTML 4Page - PCTEL, Inc. GLPSF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SPECIFICATIONS
> pctel.com/antenna-products
Trooper™ Max
Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR
Option
Standard Configurations
Model
Elements Cable
Connector2
Mount
Housing
Color
GLPSF-5X1
LTE
WiFi
GNSS
Two 1-foot RG-316 pigtails (LTE)
Two 1-foot RG-316 pigtails (WiFi)
One 1-foot RG-316 (GNSS)
SMA Plug (LTE)
SMA Male (WiFi)
SMA Plug (GNSS)
5/8-inch (22.9
mm or 0.9") long
stud mount with
jam nut
Black
GLPSF-UH6X1LB
GLPSF-UH6X1HB
LTE
Wi-Fi
GNSS
UHF
Two 1-foot RG-316 pigtails (LTE)
Two 1-foot RG-316 pigtails (WiFi)
One 1-foot RG-316 (GNSS)
One 1-foot RG-316 (UHF)
SMA Plug (LTE)
SMA Male (WiFi)
SMA Plug (GNSS)
SMA Plug (UHF)
Black
GLPSF-UH350-6X1
LTE
WiFi
GNSS
TETRA
Two 1-foot RG-316 pigtails (LTE)
Two 1-foot RG-316 pigtails (WiFi)
One 1-foot RG-316 (GNSS)
One 1-foot RG-316 (UHF)
SMA Plug (LTE)
SMA Male (WiFi)
SMA Plug (GNSS)
SMA Plug (UHF)
Black
Electrical Specifications – RF Antennas
F1
(MHz)
F2
(MHz)
SWR3
Gain3
Efficiency (%)3
Polarization
Nominal
Impedance
Maximum
Power
Max
(dBi)
Typical
(dB)
Range (±)
(dB)
Avg
Range (±)
LTE Primary Port 1
617
698
3.8
2.2
1.5
0.6
50
4
Linear
50 ohms
50 watts
698
802
3.1
3.4
2.8
0.6
59
14
824
960
1.8
4.9
4.1
0.8
73
5
1710
2200
2.1
5.1
4.6
0.5
66
3
2300
2690
2.4
5.9
4.5
1.5
57
8
3400
3800
1.7
7.8
7.3
0.5
64
2
5150
5950
5.1
4.4
2.9
1.4
24
8
LTE Primary Port 2
617
698
6.7
2.3
0.9
1.3
39
4
Linear
50 ohms
50 watts
733
802
3.1
4.9
3.5
1.4
55
13
824
960
3.5
4.3
3.2
1.1
53
6
1805
2200
2.3
6.7
5.9
0.8
74
6
2300
2690
2.0
6.1
5.6
0.6
73
7
3400
3800
2.2
7
6.7
0.4
63
9
5150
5950
4.9
5.6
4.5
1.2
30
4
Wi-Fi
2400
2500
1.9
7.7
5.5
2.2
56
3
Linear
50 ohms
50 watts
4900
5900
2.0
7.7
5.5
2.2
56
3
UHF-LB (P/N GLPSF-UH6X1LB)
380
446
3.3
2.6
2.8
1.6
Linear
UHF-HB (P/N GLPSF-UH6X1HB)
446
512
4.0
2.2
0.7
1.6
47
20
Linear
TETRA (GLPSF-UH350-6X1)
350
405
3.4
2.8
2.0
0.8
Linear
2
Consult Customer Service for other connector options
3
Gain, efficiency, SWR and isolation measured with 1-ft cables and 2-ft ground plane
5900
7200
2.5
8.6
6.6
2
53
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com