Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLPSF Datasheet(PDF) 4 Page - PCTEL, Inc.

Part # GLPSF
Description  Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLPSF Datasheet(HTML) 4 Page - PCTEL, Inc.

  GLPSF Datasheet HTML 1Page - PCTEL, Inc. GLPSF Datasheet HTML 2Page - PCTEL, Inc. GLPSF Datasheet HTML 3Page - PCTEL, Inc. GLPSF Datasheet HTML 4Page - PCTEL, Inc. GLPSF Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Trooper™ Max
Combination Antenna - 5G Cellular, Wi-Fi, GNSS with LMR Option
4
SPECIFICATIONS
> pctel.com/antenna-products
Mechanical Specifications
Physical
Dimensions
Multiband Antenna Base
UHF Whip
TETRA Whip
2.4" W x 7.0" L x 3.2" H in (6.1 W x 17.7 L x 8.0 H cm)
5.8" L x 0.28" W in (147.3 H x 7.10 W mm)
5.8" L x 0.28" W in (147.3 H x 7.10 W mm)
Weight
0.75 lbs (0.340 kg); 0.87 lbs (0.395 kg) with Whip
Radome Construction
UV-Stable Rugged Thermoplastics
Operating / Storage Temperature
-40°C to +85°C
Gasket Design & Construction
Contour matching, conformable, thermoplastic-elastomer gasket overmolded to baseplate and
designed to seal between radome, baseplate, and vehicle body. Gasket flexes to conform to
contoured surfaces and provides an anti-rotation feature.
Electrical Specifications – RF Antennas (continued)
Minimum Isolation3 (dB)
LTE Secondary (2)
Wi-Fi (3,4)
UHF-H/L (5)
Tetra (5)
LTE Primary (1)
698 - 960 MHz
6.1
617 - 960 MHz
22.0
617 - 960 MHz
12.9
617 - 960 MHz
8.1
1.71 - 2.7 GHz
19.6
1.71 - 2.7 GHz
12.2
1.71 - 2.7 GHz
15.1
1.71 - 2.7 GHz
15.6
3.3 - 5.9 GHz
30.1
3.3 - 5.9 GHz
17.5
3.3 - 5.9 GHz
21.6
3.3 - 5.9 GHz
22.0
LTE Secondary (2)
617 - 960 MHz
29.0
617 - 960 MHz
15.9
617 - 960 MHz
17.9
1.71 - 2.7 GHz
22.6
1.71 - 2.7 GHz
25.4
1.71 - 2.7 GHz
25.3
3.3 - 5.9 GHz
24.1
3.3 - 5.9 GHz
25.1
3.3 - 5.9 GHz
25.7
Wi-Fi (3,4)
2.4 - 2.5 GHz
-12.9
2.4 - 2.5 GHz
28.1
2.4 - 2.5 GHz
28.9
4.9 - 6.0 GHz
-15.1
4.9 - 6.0 GHz
26.7
4.9 - 6.0 GHz
19.4
3
Gain, efficiency, SWR and isolation measured with 1-ft cables and 2-ft ground plane
Electrical Specifications – GPS Antenna
Frequency Band
1559 - 1608 MHz
Amplifier Gain
@ 3.0 VDC: 26 dB (typical)
Output VSWR
2.0:1 (maximum)
DC Current
25 mA (typical)
DC Voltage
2.8-6.0 V (operating)
≤ 12.0 V (survivability)
Noise Figure
< 2.0 dB (typical)
Out-of-Band Rejection
f0 = 1586 MHz
f0 ± 50 MHz: ≥ 60 dBc
f0 ± 60 MHz: ≥ 70 dBc
Nominal Gain
3 dBic @ 90°
-2 dBic @ 20°
Polarization
Right hand circular
Nominal Impedance
50 ohms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com