Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD55008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD55008-E Datasheet HTML 12Page - STMicroelectronics PD55008-E Datasheet HTML 13Page - STMicroelectronics PD55008-E Datasheet HTML 14Page - STMicroelectronics PD55008-E Datasheet HTML 15Page - STMicroelectronics PD55008-E Datasheet HTML 16Page - STMicroelectronics PD55008-E Datasheet HTML 17Page - STMicroelectronics PD55008-E Datasheet HTML 18Page - STMicroelectronics PD55008-E Datasheet HTML 19Page - STMicroelectronics PD55008-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Common source s-parameter
PD55008-E, PD55008S-E
16/28
7
Common source s-parameter
7.1
PD55008 (VDS = 12.5V IDS = 150mA)
Table 8.
S-parameter
FREQ
IS11IIS21IIS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.781
-141
16.89
93
0.035
4
0.685
-137
100
0.784
-157
8.14
77
0.035
-11
0.681
-151
150
0.803
-162
5.19
67
0.032
-18
0.704
-157
200
0.830
-165
3.69
58
0.030
-26
0.743
-159
250
0.852
-167
2.77
50
0.027
-34
0.773
-161
300
0.873
-169
2.16
44
0.025
-39
0.812
-164
350
0.892
-171
1.72
37
0.022
-43
0.844
-166
400
0.906
-172
1.40
33
0.020
-45
0.862
-168
450
0.919
-173
1.16
28
0.017
-47
0.888
-170
500
0.928
-175
0.97
24
0.015
-51
0.903
-171
550
0.936
-176
0.83
20
0.012
-52
0.913
-173
600
0.941
-177
0.71
17
0.010
-50
0.921
-174
650
0.946
-178
0.62
14
0.010
-52
0.926
-176
700
0.952
-179
0.55
11
0.008
-47
0.934
-177
750
0.954
180
0.48
9
0.006
-48
0.937
-178
800
0.957
179
0.44
7
0.006
-40
0.940
-180
850
0.959
178
0.39
4
0.004
-30
0.950
179
900
0.960
177
0.35
3
0.005
-1
0.952
178
950
0.963
176
0.32
1
0.004
17
0.957
177
1000
0.964
176
0.29
-1
0.004
28
0.958
176
1050
0.964
175
0.27
-3
0.004
43
0.953
175
1100
0.966
174
0.25
-4
0.005
42
0.955
174
1150
0.963
173
0.23
-6
0.005
59
0.954
173
1200
0.964
174
0.21
-8
0.007
58
0.952
172
1250
0.962
172
0.20
-9
0.008
57
0.956
171
1300
0.961
172
0.18
-11
0.008
57
0.953
171
1350
0.960
171
0.17
-11
0.010
68
0.950
170
1400
0.957
170
0.16
-12
0.010
61
0.957
169
1450
0.957
169
0.15
-12
0.011
67
0.942
168
1500
0.952
169
0.14
-13
0.011
76
0.944
167
S11∠Φ
S21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com