Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # PD55008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PD55008-E Datasheet HTML 17Page - STMicroelectronics PD55008-E Datasheet HTML 18Page - STMicroelectronics PD55008-E Datasheet HTML 19Page - STMicroelectronics PD55008-E Datasheet HTML 20Page - STMicroelectronics PD55008-E Datasheet HTML 21Page - STMicroelectronics PD55008-E Datasheet HTML 22Page - STMicroelectronics PD55008-E Datasheet HTML 23Page - STMicroelectronics PD55008-E Datasheet HTML 24Page - STMicroelectronics PD55008-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PD55008-E, PD55008S-E
Common source s-parameter
21/28
7.6
PD55008S (VDS = 12.5V IDS = 1.5A)
Table 13.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.821
-162
18.74
90
0.002
2
0.771
-163
100
0.849
-169
9.09
82
0.019
-5
0.776
-171
150
0.875
-171
5.97
77
0.018
-10
0.785
-173
200
0.885
-173
4.41
71
0.017
-12
0.789
-173
250
0.892
-175
3.47
66
0.017
17
0.807
-174
300
0.895
-175
2.84
61
0.016
-19
0.915
-174
350
0.901
-176
2.37
56
0.015
-22
0.924
-174
400
0.909
-177
2.02
52
0.014
-26
0.839
-174
450
0.914
-177
1.74
48
0.013
-28
0.844
-175
500
0.920
-178
1.50
43
0.013
-30
0.859
-176
550
0.928
-178
1.32
40
0.012
-28
0.871
-176
600
0.932
-179
1.17
37
0.011
-34
0.877
-176
650
0.935
-179
1.04
33
0.010
-31
0.887
-177
700
0.939
-180
0.93
30
0.009
-29
0.895
-177
750
0.946
179
0.84
28
0.008
-28
0.901
-178
800
0.946
179
0.77
25
0.008
-31
0.908
-179
850
0.953
178
0.70
22
0.007
-31
0.908
-179
900
0.952
178
0.64
19
0.006
-27
0.916
180
950
0.950
177
0.59
18
0.006
-33
0.924
179
1000
0.954
177
0.55
15
0.005
-21
0.928
178
1050
0.957
176
0.50
3
0.005
-20
0.930
178
1100
0.959
176
0.47
11
0.004
4
0.933
178
1150
0.959
175
0.44
8
0.004
13
0.937
177
1200
0.961
175
0.41
7
0.004
30
0.937
177
1250
0.962
174
0.38
5
0.003
29
0.935
176
1300
0.961
174
0.35
3
0.004
35
0.935
175
1350
0.961
174
0.33
2
0.004
55
0.935
174
1400
0.959
173
0.31
1
0.005
62
0.934
174
1450
0.960
172
0.29
0
0.005
65
0.942
173
1500
0.960
172
0.27
-1
0.005
81
0.942
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com