Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # PD55008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PD55008-E Datasheet HTML 16Page - STMicroelectronics PD55008-E Datasheet HTML 17Page - STMicroelectronics PD55008-E Datasheet HTML 18Page - STMicroelectronics PD55008-E Datasheet HTML 19Page - STMicroelectronics PD55008-E Datasheet HTML 20Page - STMicroelectronics PD55008-E Datasheet HTML 21Page - STMicroelectronics PD55008-E Datasheet HTML 22Page - STMicroelectronics PD55008-E Datasheet HTML 23Page - STMicroelectronics PD55008-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Common source s-parameter
PD55008-E, PD55008S-E
20/28
7.5
PD55008S (VDS = 12.5V IDS = 800mA)
Table 12.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.862
-157
18.51
90
0.021
7
0.765
-161
100
0.861
-168
8.97
81
0.021
-4
0.767
-170
150
0.869
-171
5.88
76
0.020
-10
0.778
-172
200
0.872
-173
4.33
70
0.019
-14
0.782
-172
250
0.879
-174
3.40
65
0.019
-18
0.801
-173
300
0.888
-175
2.77
60
0.018
-20
0.810
-173
350
0.894
-175
2.30
55
0.017
-26
0.823
-173
400
0.905
-176
1.96
50
0.016
-31
0.836
-173
450
0.910
-177
1.67
46
0.015
-33
0.846
-174
500
0.916
-177
1.44
42
0.014
-31
0.862
-175
550
0.926
-178
1.27
38
0.013
-32
0.873
-175
600
0.930
-178
1.11
35
0.012
-37
0.880
-176
650
0.934
-179
0.96
32
0.011
-39
0.892
-176
700
0.938
-179
0.89
29
0.010
-38
0.901
-177
750
0.944
180
0.80
26
0.009
-38
0.907
-178
800
0.947
179
0.73
24
0.008
-38
0.913
-178
850
0.951
179
0.66
21
0.007
-36
0.914
-179
900
0.952
178
0.60
18
0.005
-44
0.920
180
950
0.953
178
0.55
16
0.005
-36
0.929
179
1000
0.955
177
0.51
14
0.005
-22
0.932
179
1050
0.957
176
0.48
11
0.004
-19
0.937
178
1100
0.960
176
0.44
9
0.003
-3
0.937
178
1150
0.961
176
0.41
7
0.004
2
0.943
177
1200
0.962
175
0.38
5
0.004
-4
0.940
177
1250
0.964
175
0.35
4
0.002
1
0.939
176
1300
0.961
174
0.33
2
0.003
31
0.937
176
1350
0.961
174
0.31
1
0.004
47
0.940
175
1400
0.959
173
0.29
1
0.003
56
0.939
174
1450
0.961
173
0.27
-1
0.004
59
0.945
173
1500
0.962
172
0.26
-2
0.004
87
0.946
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com