Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4AGSW1
Description  AlGaAs SPST Reflective PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW1 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4AGSW1 Datasheet HTML 1Page - Tyco Electronics MA4AGSW1 Datasheet HTML 2Page - Tyco Electronics MA4AGSW1 Datasheet HTML 3Page - Tyco Electronics MA4AGSW1 Datasheet HTML 4Page - Tyco Electronics MA4AGSW1 Datasheet HTML 5Page - Tyco Electronics MA4AGSW1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Ultra Broad Bandwidth: 50 MHz to 50 GHz
n
Functional Bandwidth : 50 MHz to 70 GHz
n
Dual shunt diode configuration
n
0.35 dB Insertion Loss, 46 dB Isolation at 50 GHz
n
Low Current consumption:
-5 V for Low Loss State
+10 mA for Isolation State
n
M/A-COM’s unique patent pending AlGaAs
hetero-junction anode technology
n
Silicon Nitride Passivation
n
Polymide Scratch protection
Description
M/A-COM’s MA4AGSW1 is an Aluminum-Gallium-Arsenide
anode enhanced, SPST PIN diode switch.
AlGaAs anodes,
which
utilize
M/A-COM’s
patent
pending
hetero-junction
technology, produce less diode resistance than conventional GaAs
processes. These devices are fabricated on a OMCVD epitaxial
wafer using a process designed for high device uniformity and
extremely low parasitics. The diodes themselves exhibit low series
resistance, low capacitance, and extremely fast switching speed.
They are fully passivated with silicon nitride and have an
additional layer of a polymer for scratch protection. The protective
coating prevents damage to the junction and the anode air bridges
during handling.
Off-chip bias circuitry is required and allows
maximum design flexibility.
Applications
The low capacitance of the PIN diodes used makes it ideal for use
in microwave and millimeter wave switch designs, where ultra low
insertion loss is required. The very high shunt conductance of the
diodes dramatically improves isolation at millimeter wave
frequencies. These AlGaAs PIN switches are used in switching
arrays for radar systems, high-speed ECM circuits, and millimeter
wave measurement instrumentation.
AlGaAs SPST Reflective
PIN Diode Switch
V 1.00
MA4AGSW1 Layout
Absolute Maximum Ratings
1
@ TA = +25 °C (Unless otherwise
specified)
Parameter
Maximum Rating
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-65 °C to +150 °C
Incident C.W. RF Power
+ 30 dBm @ -5 V
Reverse Voltage
25 V
Bias Current
30 mA per Diode
1. Exceeding any of these values may result in permanent
damage
Nominal Chip Dimensions
Chip Dimensions (
µm)
X
Y
Chip
780
650
Pad Dimensions (
µm)
X
Y
RF
100
100
Pad Locations (
µm)
X
Y
J1
0
0
J2
+530
0
Pad Locations Relative to J1


Similar Part No. - MA4AGSW1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com