Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4AGSW1
Description  AlGaAs SPST Reflective PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW1 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4AGSW1 Datasheet HTML 1Page - Tyco Electronics MA4AGSW1 Datasheet HTML 2Page - Tyco Electronics MA4AGSW1 Datasheet HTML 3Page - Tyco Electronics MA4AGSW1 Datasheet HTML 4Page - Tyco Electronics MA4AGSW1 Datasheet HTML 5Page - Tyco Electronics MA4AGSW1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AlGaAs SP4T PIN Diode Switch
MA4AGSW1
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Typical Driver Connections
Control Level (DC Current)
RF Output Conditions
J1 or J2
J1-J2
-5 V
Low Loss
+10 mA
Isolation
Electrical Specifications @ TA = 25 °C, - 5 V @ 0 mA,
or +10 mA Bias Current (On-Wafer Measurements)
RF Specifications
Parameters
Frequency
Minimum
Typical
Maximum
Units
Insertion Loss
0.05 - 18 GHz
18 - 50 GHz
-
0.2
0.3
0.3
0.6
dB
Isolation
0.05 - 18 GHz
18 - 50 GHz
20
40
22
46
-
dB
Input Return Loss
0.05 - 18 GHz
18 - 50 GHz
-
30
16
-
dB
Output Return Loss
0.05 - 18 GHz
18 - 50 GHz
-
30
16
-
dB
Switching Speed
10 GHz
-
10
-
ns
1. Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a TTL compatible driver. Driver
output parallel RC network uses a capacitor between 390 pF - 560 pF and a resistor between 150 - 220 Ohms to achieve
20 ns rise and fall times.
NOTES:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com