Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4AGSW1
Description  AlGaAs SPST Reflective PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW1 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4AGSW1 Datasheet HTML 1Page - Tyco Electronics MA4AGSW1 Datasheet HTML 2Page - Tyco Electronics MA4AGSW1 Datasheet HTML 3Page - Tyco Electronics MA4AGSW1 Datasheet HTML 4Page - Tyco Electronics MA4AGSW1 Datasheet HTML 5Page - Tyco Electronics MA4AGSW1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AlGaAs SP4T PIN Diode Switch
MA4AGSW1
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
5
Solder Die Attachment
All die attach and bonding methods should be compatible with
gold metal. Solder which does not scavange gold, such as
80Au/20Sn or Sn62/Pb36/Ag2 is recommended. Do not
expose die to a temperature greater than 300 °C for more than
10 seconds.
Electrically Conductive Epoxy
Die Attachment
Assembly can be preheated to approximately 125 °C. Use a
controlled thickness of approximately 2 mils for best electrical
and thermal conductivity. Cure epoxy as per manufacturer’s
schedule. For extended cure times, temperatures should be
kept below 150 °C.
Ribbon/Wire Bonding
Wedge thermocompression bonding or ball bonding may be
used to attach ribbons or wires to the RF bonding pads. Gold
ribbons should be 1/4 x 3 mil sq. for all RF ports for lowest
inductance and best microwave performance.
Assembly Considerations
The following precautions should be observed to avoid
damaging these chips.
Cleanliness
These chips should be handled in a clean environment. Do not
attempt to clean die after installation.
Electro-Static Sensitivity
These Devices are considered ESD Class1. Proper ESD
techniques should be used when handling these devices.
General Handling
The protective polymer coating on the active areas of these die
provides scratch and impact protection, particularly for the
metal airbridge which contacts the diode’s anode. Die should
primarily be handled with vacuum pickups, or alternatively
with plastic tweezers.
Mounting Techniques
These AlGaAs devices are designed to be mounted with
electrically
conductive
silver
epoxy
or
with
a
lower
temperature solder perform, which is not rich in Sn content.
Operation of the MA4AGSW1
The Application of 0 V or a Negative DC Voltage to either J1 or J2 provides Insertion Loss for the MA4AGSW1 SPST
Reflective Switch. Isolation is achieved with +10 mA total D.C. current. Constant Current Sources should supply the
DC Control Current. The Forward Bias Diode Voltages at the Bias Node will not exceed | 1.6 volts |,
( | 1.4 | volts typical for Supply Currents up to + 30 mA). The Backside Area of the Die is the RF and DC Return
Ground Plane. The Bias Network Design should yield > 30 dB RF to DC Isolation.
Best Insertion Loss, P1dB, IP3, and Switching Speed is Achieved by applying a Minimum Value of | -2 V | at the D.C.
Bias Node, which is achievable with a Standard, +/- 5 V TTL Controlled PIN Diode Driver. Typical PIN Diode
Driver Open Circuit Output Voltages are within | 1V | of the Power Supply Voltages.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com